Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7041-11-O2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7041-11-O2
Description  Station Enclosure
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7041-11-O2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7041-11-O2 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications are subject to change without notice.
Features
I Coax TV & Communication Station
Protector in a compact enclosure
I
Listed per UL 1863
7041 Series – Station Enclosure
The Model 7041 Series combines the Bourns 1740 Series of Coax broadband protectors and station protectors (optional) into
a compact residential protector enclosure. Refer to the respective data sheets for additional information on the elements that
make up this system.
How To Order
Model Number Designator
Comm Protector
0 = None
1 = Yes (not available in U.S.A.)
Comm Protector Type
E = 155HS-MSP (2378-35-HS) Broadband Voice/Data Systems
Y = 155HS-BC* (2378-35-BC) Balance-Sensitive DSL Systems
B = 125EW (2374-01) Sealed Gas Tube (UL, Bellcore)
C = 125EW-R (2375-01) Sealed Gas Tube (REA, UL, CSA)
M = J130S (2380-27-01) Solid State Protector (UL)
O = No Station Protectors
* BC = For DSL systems requiring capacitive balance
≤ 1pF.
Standard packaging is 50 units per box.
Coax Protector Type
Part Number
Protector Sparkover Voltage
Description
2 = 1740-15
150V
Standard CATV
3 = 1740-23
230V
CATV/Tel with ring voltage
4 = 1740-35
350V
CATV/Tel with ring voltage
All offered protectors are UL approved.
7041 - 1X - X X
High
Wide
Deep
144.8
86.4
55.9
(5.7)
(3.4)
(2.2)
Product Dimensions
MM
(INCHES)
DIMENSIONS:
GROMMET
2 PLCS
PROTECTOR
1740
PROTECTOR
GROUND
TERMINAL
REV. E
UL
cus
®
Asia-Pacific:
TEL +886- (0)2 25624117
FAX +886- (0)2 25624116
Europe:
TEL +41-41 7685555
FAX +41-41 7685510
North America:
TEL +1-909 781-5500
FAX +1-909 781-5700
bourns.com
COPYRIGHT© 2002, BOURNS, INC. LITHO IN U.S.A. IP 06/02 G0242
Reliable Electronic Solutions


Similar Part No. - 7041-11-O2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7041-11B2 BOURNS-7041-11B2 Datasheet
156Kb / 1P
Station Enclosure
7041-11B3 BOURNS-7041-11B3 Datasheet
156Kb / 1P
Station Enclosure
7041-11B4 BOURNS-7041-11B4 Datasheet
156Kb / 1P
Station Enclosure
7041-11C2 BOURNS-7041-11C2 Datasheet
156Kb / 1P
Station Enclosure
7041-11C3 BOURNS-7041-11C3 Datasheet
156Kb / 1P
Station Enclosure
More results

Similar Description - 7041-11-O2

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS11-156A FUJI-EDS11-156A Datasheet
173Kb / 4P
MASTER STATION
logo
Bourns Electronic Solut...
7041 BOURNS-7041_07 Datasheet
156Kb / 1P
Station Enclosure
704110-B2 BOURNS-704110-B2 Datasheet
156Kb / 1P
Station Enclosure
logo
NIHON DEMPA KOGYO
NV13M09WS NDK-NV13M09WS Datasheet
683Kb / 1P
Personal Radio Base Station and 5G Base Station
logo
Pepperl+Fuchs Inc.
IQZ-HH27-CHARGER1 PF-IQZ-HH27-CHARGER1 Datasheet
837Kb / 1P
Docking station
IUT-F190-R4-V1-FR1-01 PF-IUT-F190-R4-V1-FR1-01 Datasheet
809Kb / 4P
Read/write station
logo
Schneider Electric
9001SKYP10 SCHNEIDER-9001SKYP10 Datasheet
107Kb / 2P
PENDANT STATION ENCLOSURE 30MM SKYP
Jan 20, 2022
9001SKYP2 SCHNEIDER-9001SKYP2 Datasheet
105Kb / 2P
PENDANT STATION ENCLOSURE 30MM SKYP
Jan 20, 2022
9001SKYP4 SCHNEIDER-9001SKYP4 Datasheet
105Kb / 2P
PENDANT STATION ENCLOSURE 30MM SKYP
Jan 20, 2022
9001SKYP8 SCHNEIDER-9001SKYP8 Datasheet
107Kb / 2P
PENDANT STATION ENCLOSURE 30MM SKYP
Jan 20, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com