Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTL-63V121MIEN-R5 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HTL-63V121MIEN-R5
Description  Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HTL-63V121MIEN-R5 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HTL-63V121MIEN-R5 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HTL-63V121MIEN-R5 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
RCHTL121M4EGL5005 (Previous PN: HTL-63V121MIEN-R5)
Features
Item Summary
120uF±20%, 63V, φ12.5x13.5mm, SMD
Lifecycle Stage
Mass Production (Preferred)
AEC-Q200 qualified
Standard packaging quantity (minimum)
200
Products characteristics table
Capacitance
120 uF ± 20 %
Rated Voltage
63 V
tanδ (max)
0.08
Operating Temp. Range
-55 to +125 ℃
Leakage current (min)
75 uA at 2 min
Rated Ripple (max)
2500 mArms at 100k Hz / 125 ℃
Impedance ratio
1.5
___[-25℃/+20℃]
Impedance ratio
2
___[-55℃/+20℃]
ESR (max)
22 mΩ at 100k Hz / 20 ℃
Endurance
8000 hr at 125 ℃
___[Test time]
Endurance
Within ±30% of initial value
___[Capacitance change]
Endurance
200% or less of initial specified value
___[tanδchange]
Shape
Vertical Chip
for Vibration (SMD)
Type
Conductive Polymer Hybrid
RoHS Compliance (10 subst.)
Yes
REACH Compliance (233 subst.)
Yes
Soldering
Reflow
LeadForming/Taping
Taping Embossed
External Dimensions
Dimension φD
φ12.5 ±0.5 mm
Dimension L
13.5 ±0.5 mm
Dimension P (F)
Typ 4.6 mm
Dimension C (d)
Typ 4.9 mm
2023.05.17
1 / 1


Similar Part No. - HTL-63V121MIEN-R5

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HTL-63V121MIE-R5 TAIYO-YUDEN-HTL-63V121MIE-R5 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL]
HTL-63V121MIEQ-R5 TAIYO-YUDEN-HTL-63V121MIEQ-R5 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Powertrain and Safety
More results

Similar Description - HTL-63V121MIEN-R5

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RCHTL101M1UFH0002 TAIYO-YUDEN-RCHTL101M1UFH0002 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
RCHTL102M1TGL5005 TAIYO-YUDEN-RCHTL102M1TGL5005 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
RCHTL151M1GEH0002 TAIYO-YUDEN-RCHTL151M1GEH0002 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
RCHTL151M1UFK5002 TAIYO-YUDEN-RCHTL151M1UFK5002 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
RCHTL221M1TEH0002 TAIYO-YUDEN-RCHTL221M1TEH0002 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
RCHTL271M1GFH0002 TAIYO-YUDEN-RCHTL271M1GFH0002 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
RCHTL330M4EEH0002 TAIYO-YUDEN-RCHTL330M4EEH0002 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
RCHTL560M4EFH0002 TAIYO-YUDEN-RCHTL560M4EFH0002 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
RCHTL391M1GFK5002 TAIYO-YUDEN-RCHTL391M1GFK5002 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
RCHTL680M1UEH0002 TAIYO-YUDEN-RCHTL680M1UEH0002 Datasheet
371Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HTL] For Automotive Body & Chassis and Infotainment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com