Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIL2102B02CSD25 Datasheet(PDF) 2 Page - ITT Industries

Part # MIL2102B02CSD25
Description  1-4 Pole Miniature Right
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MIL2102B02CSD25 Datasheet(HTML) 2 Page - ITT Industries

  MIL2102B02CSD25 Datasheet HTML 1Page - ITT Industries MIL2102B02CSD25 Datasheet HTML 2Page - ITT Industries MIL2102B02CSD25 Datasheet HTML 3Page - ITT Industries MIL2102B02CSD25 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
K-23
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K MIL Series
1-4 Pole Miniature Right
DESIGNATION
NUMBER OF BANKS
SWITCH FUNCTION
Third Angle
Projection
K
3P MODELS SCHEMATIC
Pos. 11 21 31 12 22 32
13 23 33
A1
A2
A3
4P MODELS SCHEMATIC
Pos. 11 21
12 22
13 23
14 24
A1
A2
A3
A4
DP MODELS SCHEMATIC
Pos. 11 21 31 41 51 61 12 22 32 42 52 62
A1
A2
SP MODELS SCHEMATIC
A
Pos.
MIL
12 Positions
112B12
11 Positions
111B11
10 Positions
110B10
9 Positions
109B09
8 Positions
108B08
7 Positions
107B07
6 Positions
106B06
5 Positions
105B05
4 Positions
104B04
3 Positions
103B03
2 Positions
102B02
12 Position
No Stops
112S
SP
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
30º INDEXING
2 Positions
402B02
2 Positions
No Stop
402S
4P
3 Positions
303B03
2 Positions
302B02
3 Positions
No Stop
303S
3P
6 Positions
206B06
5 Positions
205B05
4 Positions
204B04
3 Positions
203B03
2 Positions
202B02
4 Position
No Stops
206S
DP
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
30º INDEXING
3.697 (93,90)
3.500 (88,90)
5
3.00 (76,12)
2.800 (71,12)
4
2.297 (58,34)
2.100 (53,34)
3
1.597 (40,56)
1.400 (35,56)
2
.897 (22,78)
.770 (17,78)
1
WITH BUSHING
DIM. ‘L’
DIM. ‘L’
OPTION
CODE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com