Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8471LS Datasheet(PDF) 2 Page - Belden Inc.

Part # 8471LS
Description  Electronic, 1PR #16 Str TC, PO ins, Unsh, LSNH Jkt, 300V, SWA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8471LS Datasheet(HTML) 2 Page - Belden Inc.

  8471LS Datasheet HTML 1Page - Belden Inc. 8471LS Datasheet HTML 2Page - Belden Inc. 8471LS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
14.7 Ohm/km
Capacitance
Nom. Capacitance Conductor to Conductor
108.3 pF/m
Inductance
Nominal Pair Inductance
0.62 µH/m
Current
Element
Max. Recommended Current [A]
Conductor(s) 7.1 Amps per Conductor
Voltage
Voltage Rating [V]
300 V
Temperature Range
Storage Temperature Range:
-30°C to +80°C
Operating Temp Range (Fixed Install):
-15°C To +80°C
Mechanical Characteristics
Oil Resistance:
IEC 60811-404
Min. Bend Radius During Installation:
172.5 mm
Standards
CPR Euroclass:
Eca
CENELEC Compliance:
EN 50290-2-20
Applicable Environmental and Other Programs
Environmental Space:
Indoor
Suitability
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
IEC Flammability:
IEC 60332-3-24
IEC 60754-1 - Halogen Amount:
Zero
IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity: 2.5 µS/mm
IEC 60754-2 - Halogen Acid Gas Amount - Min. pH:
4.3
IEC 61034-2 - Smoke Density Min. Transmittance:
60%
Related Part Numbers
Variants
Item #
Color Put-Up Type
Length
EAN
8471LS.00500
Black
Reel
500 m
8719605018281
8471LS.001000 Black
Reel
1,000 m 8719605018267
8471LS.001500 Black
Reel
1,500 m 8719605018274
History
Update and Revision:
Revision Number: 0.221 Revision Date: 12-19-2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com