Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1300080098 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300080098
Description  Mini-Change C-Size Single-Ended Cordset, 10 Poles, Female (90°) to Pigtail, 16 AWG, PVC Cable, 1.83m (6.0) Length
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1300080098 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300080098 Datasheet HTML 1Page - Molex Electronics Ltd. 1300080098 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 02/28/2023
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300080098
Status:
Active
Overview:
Brad Mini-Change Connectors
Description:
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Female (90°) to Pigtail, 16 AWG,
PVC Cable, 1.83m (6.0') Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
UL
E152210
General
Product Family
Industrial Cordsets
Series
130008
Connector End A
Mini-Change
Connector End B
Pigtail
IP Rating
IP67
Material - Contact
Brass
Overview
Brad Mini-Change Connectors
Product Name
Mini-Change
Protocol
DeviceNet
Region
America
Taxonomy
Circular Industrial Cordsets
Type
Single Ended
UPC
78678844091
Physical
Cable Diameter
16.76mm (.660")
Cable Length
1.83m (6.0')
Color - Cable Jacket
Yellow
Coupling Style
Threaded
Gender
Female-Pigtail
Keyway
Single
LED Indicator
No
Material - Cable Jacket
PVC
Material - Connector Body
PVC
Material - Coupling Nut
Black Epoxy Coated Zinc
Material - Plating Mating
Gold
Orientation
90° to Pigtail
Poles
10
Temperature Range - Operating
-20° to +105°C
Wire Size AWG
16
Wire/Cable Type
STOOW
Electrical
Current - Maximum per Contact
7.0A
Voltage - Maximum
600V
Material Info
Engineering Number
301001A01F060
Reference - Drawing Numbers
Sales Drawing
SD-130008-016-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
130008 Series


Similar Part No. - 1300080098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300080096 MOLEX-1300080096 Datasheet
28Kb / 2P
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Female (90°) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
02/01/2023
More results

Similar Description - 1300080098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300060137 MOLEX-1300060137 Datasheet
28Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 2 Poles, Female (90°) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/27/2023
1300061349 MOLEX-1300061349 Datasheet
40Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (90°) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/22/2023
1300061518 MOLEX-1300061518 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Male (90°) to Pigtail, 16 AWG, PVC Cable, 1.83m (6.0) Length
02/28/2023
1300061653 MOLEX-1300061653 Datasheet
28Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 6 Poles, Female (90°) to Pigtail, 16 AWG, PVC Cable, 1.83m (6.0) Length
03/15/2023
1300080025 MOLEX-1300080025 Datasheet
39Kb / 2P
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/22/2023
1300080117 MOLEX-1300080117 Datasheet
28Kb / 2P
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Male (Straight) to Pigtail, 16 AWG, PVC Cable, 1.83m (6.0) Length
03/21/2023
1300080157 MOLEX-1300080157 Datasheet
45Kb / 2P
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
03/24/2023
1300080212 MOLEX-1300080212 Datasheet
28Kb / 2P
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Female (90°) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
01/31/2023
1300080325 MOLEX-1300080325 Datasheet
40Kb / 2P
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 1.83m (6.0) Length
02/09/2023
1300080351 MOLEX-1300080351 Datasheet
28Kb / 2P
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Female (90°) to Pigtail, 16 AWG, PVC Cable, 1.83m (6.0) Length
02/28/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com