Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846AF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC846AF
Description  NPN general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC846AF Datasheet(HTML) 2 Page - NXP Semiconductors

  BC846AF Datasheet HTML 1Page - NXP Semiconductors BC846AF Datasheet HTML 2Page - NXP Semiconductors BC846AF Datasheet HTML 3Page - NXP Semiconductors BC846AF Datasheet HTML 4Page - NXP Semiconductors BC846AF Datasheet HTML 5Page - NXP Semiconductors BC846AF Datasheet HTML 6Page - NXP Semiconductors BC846AF Datasheet HTML 7Page - NXP Semiconductors BC846AF Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 18
2
Philips Semiconductors
Preliminary specification
NPN general purpose transistors
BC846F; BC847F; BC848F series
FEATURES
• Power dissipation comparable to SOT23
• Low current (max. 100 mA)
• Low voltage (max. 65 V).
APPLICATIONS
• General purpose switching and amplification, especially
in portable equipment.
DESCRIPTION
NPN transistor encapsulated in an ultra small SC-89
(SOT490) plastic SMD package.
PNP complements: BC856F, BC857F and BC858F series.
MARKING
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
BC846AF
1A
BC847CF
1G
BC846BF
1B
BC848AF
1J
BC847AF
1E
BC848BF
1K
BC847BF
1F
BC848CF
1L
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1
Simplified outline (SC-89; SOT490) and
symbol.
handbook, halfpage
MAM410
1
2
3
12
Top view
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com