Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16H Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS16H
Description  High-speed switching diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16H Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS16H Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16H Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16H Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16H Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16H Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16H Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16H Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16H Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16H Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Nexperia
BAS16H
High-speed switching diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAS16H
SOD123F
plastic, surface-mounted package; 2 leads; 2.6 mm x 1.6
mm x 1.1 mm body
SOD123F
7. Marking
Table 4. Marking codes
Type number
Marking code
BAS16H
A1
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-
100
V
VR
reverse voltage
-
100
V
IF
forward current
[1]
-
215
mA
tp = 1 µs; square wave; Tj(init) = 25 °C
-
4
A
tp = 1 ms; square wave; Tj(init) = 25 °C
-
1
A
IFSM
non-repetitive peak
forward current
tp = 1 s; square wave; Tj(init) = 25 °C
-
0.5
A
IFRM
repetitive peak forward
current
tp ≤ 0.5 ms; δ ≤ 0.25
-
500
mA
[1]
-
380
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
830
mW
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 PCB with 60 µm copper strip line.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm².
BAS16H
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
2 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com