Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16L Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS16L
Description  High-speed switching diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16L Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS16L Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS16L Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS16L Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS16L Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS16L Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS16L Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS16L Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS16L Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS16L Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BAS16L
High-speed switching diode
1 October 2022
Product data sheet
1. General description
High-speed switching diode, encapsulated in a leadless ultra small SOD882 Surface-Mounted
Device (SMD) plastic package.
2. Features and benefits
• High switching speed: trr ≤ 4 ns
• Low capacitance
• Low leakage current
• Reverse voltage: VR ≤ 100 V
• Repetitive peak reverse voltage: VRRM ≤ 100 V
3. Applications
• High-speed switching
• General-purpose switching
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VR
reverse voltage
-
-
100
V
IR
reverse current
VR = 80 V; Tamb = 25 °C
-
-
0.5
µA
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; RL = 100 Ω;
IR(meas) = 1 mA; Tamb = 25 °C
-
-
4
ns
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K
cathode
2
A
anode
2
1
Transparent
top view
DFN1006-2 (SOD882)
006aab040
A
K


Similar Part No. - BAS16L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS16L PHILIPS-BAS16L Datasheet
50Kb / 8P
High-speed diode
2003 Jun 23
BAS16L NXP-BAS16L Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
BAS16L NXP-BAS16L Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
BAS16L NXP-BAS16L Datasheet
150Kb / 20P
High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
BAS16L NXP-BAS16L Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
More results

Similar Description - BAS16L

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com