Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40DY Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS40DY
Description  General-purpose dual Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS40DY Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS40DY Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS40DY Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS40DY Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS40DY Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS40DY Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS40DY Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS40DY Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS40DY Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BAS40DY
General-purpose dual Schottky diode
20 April 2023
Product data sheet
1. General description
General-purpose, electrically isolated dual Schottky diode, encapsulated in an ultra small and flat
lead SOT363 Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• High switching speed
• Low leakage current
• High breakdown voltage
• Low capacitance
3. Applications
• Ultra high-speed switching
• Voltage clamping
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
[1] [2] -
-
120
mA
VF
forward voltage
IF = 1 mA; pulsed; tp ≤ 300 µs; δ ≤
0.02; Tamb = 25 °C
-
-
380
mV
VR
reverse voltage
Tj = 25 °C
-
-
40
V
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] Single diode loaded.
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A1
anode (diode 1)
2
n.c.
not connected
3
K2
cathode (diode 2)
4
A2
anode (diode 2)
5
n.c.
not connected
6
K1
cathode (diode 1)
1
3
2
4
5
6
TSSOP6 (SOT363)
006aaa440
K
n.c.
A
A
n.c.
K
D1 D2


Similar Part No. - BAS40DY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAS40DY-Q NEXPERIA-BAS40DY-Q Datasheet
199Kb / 8P
General-purpose dual Schottky diode
20 April 2023
More results

Similar Description - BAS40DY

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAS40-04-Q NEXPERIA-BAS40-04-Q Datasheet
189Kb / 8P
General-purpose dual Schottky diode
20 January 2023
1PS70SB45 NEXPERIA-1PS70SB45 Datasheet
188Kb / 8P
General-purpose dual Schottky diode
7 March 2022
BAS70-04-Q NEXPERIA-BAS70-04-Q Datasheet
198Kb / 8P
General-purpose dual Schottky diode
2 December 2021
BAS70-05W-Q NEXPERIA-BAS70-05W-Q Datasheet
196Kb / 8P
General-purpose dual Schottky diode
2 December 2021
BAS70-06W-Q NEXPERIA-BAS70-06W-Q Datasheet
196Kb / 8P
General-purpose dual Schottky diode
2 December 2021
BAS40-06W-Q NEXPERIA-BAS40-06W-Q Datasheet
186Kb / 8P
General-purpose dual Schottky diode
2 December 2021
BAS40-06W NEXPERIA-BAS40-06W Datasheet
610Kb / 8P
General-purpose dual Schottky diode
1 October 2022
BAS70-04W NEXPERIA-BAS70-04W Datasheet
1Mb / 8P
General-purpose dual Schottky diode
January 2023
BAS70-06W NEXPERIA-BAS70-06W Datasheet
892Kb / 8P
General-purpose dual Schottky diode
1 January 2023
BAS70-07V NEXPERIA-BAS70-07V Datasheet
192Kb / 8P
General-purpose dual Schottky diode
27 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com