Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

500ASSP1M2R Datasheet(PDF) 2 Page - E-SWITCH

Part # 500ASSP1M2R
Description  SUB-MINIATURE SLIDE SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

500ASSP1M2R Datasheet(HTML) 2 Page - E-SWITCH

  500ASSP1M2R Datasheet HTML 1Page - E-SWITCH 500ASSP1M2R Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SUB-MINIATURE SLIDE SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
M6
M2
SPDT
P.C. MOUNTING
P.C. MOUNTING
SERIES 500A SWITCHES
Switching Position
Model
No.
SSP-1
ON
NONE
ON
SSP-3
ON
OFF
ON
Term.
2-1
OPEN
2-3
Comm.
Schematic
13
2 Comm.
( ) = Momentary
Q
Fixed Terminal:
Silver plated copper alloy
Moving Contact:
Silver plated copper alloy
Rating:
3 Amps with resistive load @ 120VAC or 28VDC
1 Amp with resistive load @ 250VAC
R
Fixed Terminal:
Copper alloy with gold plate over
nickel plate
Moving Contact:
Copper alloy with gold plate over
nickel plate
Rating:
0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)
CONTACT MATERIAL OPTIONS
TERMINATION OPTIONS
PC PIN
172
PP 167-189 Slides.qxd
5/8/02
10:06 AM
Page 172



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com