Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC4151C Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZSSC4151C
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151C Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZSSC4151C Datasheet HTML 17Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 18Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 19Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 20Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 21Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 22Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 23Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 24Page - Renesas Technology Corp ZSSC4151C Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
21
March 25, 2020
Table 8
Protection Features
Requirement
VSSE Pin
AOUT Pin
VDDE Pin
Condition
DS_300
0
0 to 5V
5V
Normal Mode
DS_301
0
Open
40V
VDDE to VSSE
DS_302
0
Open
-40V
Reverse voltage
DS_303
0
40V
Open
AOUT to VSSE
DS_304
0
-40V
Open
Reverse voltage
DS_305
Open
0
40V
VDDE to AOUT
DS_306
Open
0
-40V
Reverse voltage
DS_307
0
0
40V
VDDE to (AOUT and VSSE)
DS_308
0
0
-40V
Reverse voltage
DS_309
0
40V
40V
(VDDE and AOUT) to VSSE
DS_310
0
40V
5.0V
AOUT to VSSE
DS_311
0
-40V
-40V
Reverse voltage
DS_312
0
40V
0
AOUT to (VDDE and VSSE)
DS_313
0
-40V
0
Reverse voltage AOUT
DS_314
0
-35V
5V
Reverse voltage AOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com