Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC4151CE4R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZSSC4151CE4R
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151CE4R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZSSC4151CE4R Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 10Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 11Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 12Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 13Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 14Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 15Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 16Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
13
March 25, 2020
Requirement
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
6.2 ZACwire™ One-Wire Interface (OWI at the AOUT pin) – only for production purposes
Informational
Power-on time [a]
tPWRUP_OWI
Time to ready for communi-
cation after power-on.
VDDE slew rate > 0.1V/µs
4.0
ms
DS_245
Power-on VDDE slew rate
SRPWRUP_OWI
0.01
V/µs
Informational
Start window [a]
tOWI_STARTWIN
OWI enabled latest 5ms
after power-on.
VDDE slew rate > 0.1V/µs
250
ms
Informational
OWI voltage level HIGH [a]
VOWI_IN_H
Master to slave
0.8
VDDE
Informational
OWI voltage level LOW [a]
VOWI_IN_L
Master to slave
0.2
VDDE
Informational
Slave output level LOW [a]
VOWI_OUT_L
Open drain.
IOL ≤ 2mA
0.1
VDDE
6.3 Nonvolatile Memory (NVM)
DS_240
Junction temperature for NVM
programming [b]
TAMB_NVM
-40
150
C
DS_241
Re-write cycles [a]
NNVM_TQA
For TTQA.
100
DS_242
Re-write cycles at 150°C [a]
NNVM_TQE
For TTQE.
10
DS_243
Data retention [a]
tNVM_RET
Temperature profile:
22h bake at 250
C.
15
Year
DS_244
Programming time [a]
tNVM_WRI
Per written word
2.2
5
ms
[a] No measurement in mass production; parameter is guaranteed by design and/or quality observation.
[b] Valid for dice. Note: Additional package and temperature range cause restrictions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com