Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6AWHTBLKAF Datasheet(PDF) 1 Page - E-SWITCH

Part # R6AWHTBLKAF
Description  ROCKER SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

R6AWHTBLKAF Datasheet(HTML) 1 Page - E-SWITCH

  R6AWHTBLKAF Datasheet HTML 1Page - E-SWITCH R6AWHTBLKAF Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
60
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
SERIES R6 SWITCHES
SPECIFICATIONS
Rating:
10A@125 VAC, 6A@250 VAC (UL, CUL)
4(1)A @250 VAC (D, S, N, Fi, VDE)
Mechanical Life:
≥50,000 cycles
Electrical Life:
≥10,000 cycles
Contact Resistance:
<20 m
Ω (Initial)
Insulation Resistance:
>1,000M
Ω @ 500V DC
Dielectric Strength:
>1,500V AC 1 minute (Initial)
>3,000V between poles
Safety Std. Approval:
UL, CSA, VDE, Semko, Nemko, Demko, Fimko
MATERIALS
Body:
Nylon 66 (UL94 V-2)
Rocker:
Nylon 66 (UL94 V-2)
Contact Surface:
Coin Silver
Terminal:
Silver plated copper alloy
Housing Color
Marking
Series
Actuator Color
Termination
Circuit
R6
R6
BLK=Black
WHT=White
GRY=Gray
BLK=Black
WHT=White
RED=Red
GRY=Gray
A
E
F
F=Faston
See Below
CIRCUIT CODE:
A = SPST On-Off
B = SPST (On)-Off
R6
A
BLK
E
F
BLK
EXAMPLE
HOW TO ORDER
ROCKER SWITCHES
PP 40-61Rocker.qxd
5/6/02
4:41 PM
Page 60


Similar Part No. - R6AWHTBLKAF

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R6AWHTBLKAF E-SWITCH-R6AWHTBLKAF Datasheet
161Kb / 2P
ROCKER SWITCHES
More results

Similar Description - R6AWHTBLKAF

ManufacturerPart #DatasheetDescription
logo
ITT Industries
J01J12AQ ITT-J01J12AQ Datasheet
182Kb / 3P
Rocker Switches
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
Power Rocker Switches
logo
E-SWITCH
RA1066 E-SWITCH-RA1066 Datasheet
863Kb / 2P
ROCKER SWITCHES
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
logo
Carling Technologies
LS1511-13-BL-BL-012 CARLINGTECH-LS1511-13-BL-BL-012 Datasheet
663Kb / 4P
Rocker Switches
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
Illuminated Rocker Switches
54-870 NTE-54-870 Datasheet
3Mb / 4P
Rocker Switches
logo
C&K Components
SW CK-COMPONENTS-SW Datasheet
113Kb / 1P
Rocker Switches
9 Oct 2019
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
Power Rocker Switches
logo
Switchcraft, Inc.
150B98NN SWITCH-150B98NN Datasheet
156Kb / 1P
ROCKER SWITCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com