Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P197 Datasheet(PDF) 2 Page - E-SWITCH

Part # P197
Description  POWER PUSHBUTTON SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P197 Datasheet(HTML) 2 Page - E-SWITCH

  P197 Datasheet HTML 1Page - E-SWITCH P197 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER PUSHBUTTON SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
D
C
C = 12.2 mm P.C. Pin
Spacing (measured from
terminal 2 to terminal 1)
Schematic
2
1
SERIES P19 7 SWITCHES
D = 8 mm P.C. Pin Spacing
(measured from terminal 2
to terminal 1)
Schematic
2
1
P.C. MOUNTING
P.C. MOUNTING
Schematic
1
2
A = 2 - Ø3.2 (Non-Threaded)
B = 2 - M3.0 x 0.5P (Threaded)
P.C. MOUNTING
BRACKET OPTIONS
A/B
73



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com