Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856F Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC856F
Description  PNP general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC856F Datasheet(HTML) 2 Page - NXP Semiconductors

  BC856F Datasheet HTML 1Page - NXP Semiconductors BC856F Datasheet HTML 2Page - NXP Semiconductors BC856F Datasheet HTML 3Page - NXP Semiconductors BC856F Datasheet HTML 4Page - NXP Semiconductors BC856F Datasheet HTML 5Page - NXP Semiconductors BC856F Datasheet HTML 6Page - NXP Semiconductors BC856F Datasheet HTML 7Page - NXP Semiconductors BC856F Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 May 21
2
Philips Semiconductors
Preliminary specification
PNP general purpose transistors
BC856F; BC857F; BC858F series
FEATURES
• Power dissipation comparable to SOT23
• Low current (max. 100 mA)
• Low voltage (max. 65 V).
APPLICATIONS
• General purpose switching and amplification especially
in portable equipment.
DESCRIPTION
PNP transistor encapsulated in an ultra small SC-89
(SOT490) plastic SMD package.
NPN complements: BC846F, BC847F and BC848F series.
PINNING
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1
Simplified outline (SC-89; SOT490) and
symbol.
handbook, halfpage
MAM411
1
2
3
12
Top view
3
MARKING
TYPE
NUMBER
MARKING
CODE
TYPE
NUMBER
MARKING
CODE
BC856AF
3A
BC857CF
3G
BC856BF
3B
BC858AF
3J
BC857AF
3E
BC858BF
3K
BC857BF
3F
BC858CF
3L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com