Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW252016-R47J Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CW252016-R47J
Description  High Q Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW252016-R47J Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CW252016-R47J Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice. • Customers should verify actual device performance in their specific applications.
CW252016 Series - High Q Chip Inductors
Features
■
1008 size
■
Available in E12 series
■
High Q up to 80 typ.
■
High operating temperature of 125 °C
■
Lead free
Applications
■
Mobil phones
■
Cellular phones
■
CTV, VCR, HIC, FDD
REV. 06/05
Electrical Specifications
Product Dimensions
General Specifications
Temperature Rise
...................40 ˚C max. at rated current
Operating Temperature
..................................-40 °C to +125 °C
Storage Temperature..-40 °C to +125 °C
Reflow Soldering ...230 °C, 50 sec. max.
Resistance to Soldering Heat
.................................260 ˚C, 5 seconds
Materials
Core Material ..................Ceramic/Ferrite
Wire ........Enamelled Copper (1W1E180)
Terminal............................Mo/Mn+Ni+Au
Packaging...................2,000 pcs per reel
DIMENSIONS:
MM
(INCHES)
Bourns Part No.
Inductance
Q
Test Freq. MHz
SRF min.
RDC
I rms
nH
Tol.%
min.
L
Q
MHz
ohms
mA max.
CW252016-10NK
10
±10
50
100
500
4100
0.08
600
CW252016-12NK
12
±10
50
100
500
3300
0.08
600
CW252016-15NK
15
±10
40
100
350
2500
0.08
500
CW252016-18NK
18
±10
50
100
350
2500
0.10
600
CW252016-22NK
22
±10
55
100
350
2400
0.10
600
CW252016-27NK
27
±10
55
100
350
1600
0.10
600
CW252016-33NK
33
±10
60
100
350
1600
0.10
600
CW252016-39NK
39
±10
60
100
350
1500
0.10
600
CW252016-47NK
47
±10
60
100
350
1500
0.10
600
CW252016-56NJ
56
±5
60
100
350
1300
0.12
600
CW252016-68NJ
68
±5
60
100
350
1300
0.15
600
CW252016-82NJ
82
±5
60
100
350
1000
0.18
600
CW252016-R10J
100
±5
60
100
350
1000
0.18
500
CW252016-R12J
120
±5
50
25
100
950
0.20
500
CW252016-R15J
150
±5
45
25
100
850
0.22
500
CW252016-R18J
180
±5
45
25
100
750
0.33
500
CW252016-R22J
220
±5
45
25
100
700
0.45
500
CW252016-R27J
270
±5
45
25
100
600
0.75
500
CW252016-R33J
330
±5
45
25
100
570
0.90
500
CW252016-R39J
390
±5
45
25
100
500
1.20
400
CW252016-R47J
470
±5
45
25
100
450
1.19
470
CW252016-R56J
560
±5
45
25
100
415
1.33
400
CW252016-R68J
680
±5
45
25
100
375
1.47
400
CW252016-R82J
820
±5
45
25
100
350
1.61
360
CW252016-1R0J
1000
±5
25
25
50
290
1.75
330
CW252016-1R2J
1200
±5
25
7.9
7.9
250
2.00
280
CW252016-1R5J
1500
±5
25
7.9
7.9
200
2.30
280
CW252016-1R8J
1800
±5
25
7.9
7.9
160
2.60
270
CW252016-2R2J
2200
±5
25
7.9
7.9
160
2.80
250
CW252016-2R7J
2700
±5
22
7.9
7.9
70
1.70
195
CW252016-3R3J
3300
±5
22
7.9
7.9
55
1.90
185
CW252016-3R9J
3900
±5
20
7.9
7.9
48
2.10
180
CW252016-4R7J
4700
±5
18
7.9
7.9
43
2.30
175
Recommended Layout
10.0
(.393)
12.5
(.492)
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
178.0
(7.00)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
Packaging Specifications
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
8.0
(.315)
0.5
(.020)
1.6 ± 0.2
(.062 ± .008)
2.0 ± 0.2
(.079 ± .008)
2.3
(.091)
REF.
REF.
REF.
REF.
0.5
(.020)
2.50 ± 0.2
(.098 ± .008)
0.5
(.020)
1.20
(.047)
0.65
(.026)
0.65
(.026)
NOTE: 2 % TOLERANCE AVAILABLE FOR INDUCTANCE
RANGES OF 33 NH AND UP. REPLACE “J” OR
“K” WITH “G”.


Similar Part No. - CW252016-R47J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW252016-R47J ETC1-CW252016-R47J Datasheet
132Kb / 1P
CW252016 Series - High Q Chip Inductors
logo
Bourns Electronic Solut...
CW252016-R47J BOURNS-CW252016-R47J Datasheet
79Kb / 1P
High Q Chip Inductors
More results

Similar Description - CW252016-R47J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CW201212 ETC1-CW201212 Datasheet
696Kb / 1P
High Q Chip Inductors
logo
Bourns Electronic Solut...
CW160808 BOURNS-CW160808 Datasheet
136Kb / 1P
High Q Chip Inductors
PM0805 BOURNS-PM0805 Datasheet
224Kb / 1P
High Q Chip Inductors
PM1008 BOURNS-PM1008 Datasheet
230Kb / 1P
High Q Chip Inductors
CW160808 BOURNS-CW160808_13 Datasheet
184Kb / 2P
High Q Chip Inductors
CW201212 BOURNS-CW201212_11 Datasheet
86Kb / 1P
High Q Chip Inductors
CW252016 BOURNS-CW252016_11 Datasheet
79Kb / 1P
High Q Chip Inductors
PM0603-2N2-R BOURNS-PM0603-2N2-R Datasheet
300Kb / 1P
High Q Chip Inductors
PM0805-2N8M-RC BOURNS-PM0805-2N8M-RC Datasheet
282Kb / 1P
High Q Chip Inductors
PM1008-10NM-RC BOURNS-PM1008-10NM-RC Datasheet
291Kb / 1P
High Q Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com