Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-R250 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-R250
Description  Radial Leaded Devices
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-R250 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-R250 Datasheet HTML 1Page - Bourns Electronic Solutions MF-R250 Datasheet HTML 2Page - Bourns Electronic Solutions MF-R250 Datasheet HTML 3Page - Bourns Electronic Solutions MF-R250 Datasheet HTML 4Page - Bourns Electronic Solutions MF-R250 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-R/250 Series - Telecom PTC Resettable Fuses
How to Order
MF - R 012/250 U - A 05 - 2 - 99
Multifuse®
Product
Designator
Series
R = Radial Leaded
Component
Hold Current, Ihold
008-018
(0.08 - 0.18 Amps)
Max. Interrupt Voltage, V
250 (250 Volts)
Telecom Options
U = Uncoated (radial parts only)
T = Pre-tripped
Resistance Sorted
Narrow resistance ranges
Resistance Bins of 0.5 ohms
05 = 0.5 ohms
Packaging Options
- 0 = Bulk Packaging
- 2 = Tape and Reel* (not available with binned
option)
Lead Free Option
__ = Standard Product
- 99 = Lead Free
*Packaged per EIA486-B
Typical Time to Trip at 23 ˚C
1000
100
10
1
0.10
0.01
0
Fault Current (Amps)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0 2.2
2.4
2.6
2.8 3.0
MF-R008/250 & MF-R008/250U
MF-R011/250U
MF-R018/250U
MF-R012/250 & MF-R012/250U
MF-R014/250 & MF-R014/250U
MF-R/250, REV. E, 02/04
Model
Rmin.
Rmax.
R1Max.
Bin
MF-R012/250
4.0
8.0
16.0
0.5
MF-R012/250-A05
7.0
9.0
16.0
0.5
MF-R012/250-C05
5.5
7.5
14.0
0.5
MF-R012/250-F05
6.0
10.5
16.0
0.5
MF-R012/250-105
6.0
9.0
16.0
0.5
MF-R012/250-205
8.0
10.5
16.0
0.5
MF-R012/250U
6.0
10.0
16.0
0.5
MF-R014/250
3.0
6.0
12.0
0.5
MF-R014/250-A05
3.0
5.5
12.0
0.5
MF-R014/250-B05
4.5
6.0
12.0
0.5
MF-R014/250U
3.5
6.5
12.0
0.5
Resistance Options



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com