Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RX Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-RX
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-RX Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-RX Datasheet HTML 1Page - Bourns Electronic Solutions MF-RX Datasheet HTML 2Page - Bourns Electronic Solutions MF-RX Datasheet HTML 3Page - Bourns Electronic Solutions MF-RX Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
MF - RX 110 - 0 - 99
Multifuse®
Product Designator
Series
RX = Radial Leaded Component
Hold Current, Ihold
110-375 (1.10 Amps - 3.75 Amps)
Packaging Options
- __ = Bulk Packaging without part number
suffix option
- 0-99 = Bulk Packaging with part number
suffix option
- 2 = Tape and Reel without part number
suffix option*
- 2-99 = Tape and Reel with part number
suffix option
- AP = Ammo-Pak*
- 0-14 = Kinked leads where straight leads are
standard
- 0-17 = Straight leads where kinked leads are
standard
Part Number Suffix Option
- 99 = As of date code April 1, 2005 all MF-RX
models are RoHS compliant. The suffix “-99”
can be used if a new part number is required
to reference the RoHS compliance.
Examples:
MF-RX110 ..........................................Bulk packaging
MF-RX110-0-99 ....Bulk packaging with part
number suffix option
MF-RX110-2 ..........Tape and reel packaging
MF-RX110-2-99 ....Tape and reel packaging
with part number suffix
option
*Packaged per EIA486-B
MF-RX SERIES, REV. L, 02/06
A
E
B
D
C
Product Dimensions
Packaging options:
BULK: All models = 500 pcs. per bag.
TAPE & REEL: MF-RX110 – MF-RX160 = 1500 pcs. per reel; MF-RX185 – MF-RX375 = 1000 pcs. per reel
AMMO-PACK: MF-RX110 – MF-RX160 = 1000 pcs. per reel; MF-RX185 – MF-RX375 = 500 pcs. per reel
MF-RX Series - PTC Resettable Fuses
A
B
C
D
E
Physical Characteristics
Model
Max.
Max.
Nom.
Tol. ±
Min.
Max.
Style
Lead Dia.
Material
MF-RX110
13.0
18.0
5.1
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.512)
(0.709)
(0.201)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX135
14.5
19.6
5.1
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.571)
(0.772)
(0.201)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX160
16.3
21.3
5.1
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.642)
(0.839)
(0.201)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX185
17.8
22.9
5.1
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.701)
(0.902)
(0.201)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX250
21.3
26.4
10.2
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.839)
(1.039)
(0.402)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX300
24.9
30.0
10.2
0.7
7.6
3.1
1
0.81
Sn/Cu
(0.980)
(1.181)
(0.402)
(0.028)
(0.299)
(0.122)
(0.032)
MF-RX375
28.4
33.5
10.2
0.7
7.6
3.1
1
0.81
Sn/Cu
(1.118)
(1.319)
(0.402)
(0.028)
(0.299)
(0.122)
(0.032)
Typical Part Marking
Represents total content. Layout may vary.
RX110
0180T
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
LOT NO.
(T = TAIWAN
S = CHINA)
DATE CODE
(FIRST DIGIT =
LAST DIGIT OF YEAR;
NEXT THREE DIGITS =
DAY OF YEAR)
NOTE: Kinked lead option is available for
board standoff. Contact factory for
details.
Typical Time to Trip at 23 ßC
0.01
0.001
1
10
100
0.1
1
10
100
1000
Fault Current (Amps)
MM
(INCHES)
DIMENSIONS =
0.81 (20AWG)
Additional Features
Bulk packaging, tape and reel and Ammo-
Pak available on most models
Resettable circuit protection
Patents pending
Applications
Almost anywhere there is a low voltage
power supply, up to 60 V and a load to be
protected, including:
Security and fire alarm systems
Loud speakers
Power transformers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com