Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXHQ100PI Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXHQ100PI
Description  Negative Voltage Hot Swap Controller with Active Power Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXHQ100PI Datasheet(HTML) 3 Page - IXYS Corporation

  IXHQ100PI Datasheet HTML 1Page - IXYS Corporation IXHQ100PI Datasheet HTML 2Page - IXYS Corporation IXHQ100PI Datasheet HTML 3Page - IXYS Corporation IXHQ100PI Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
IXHQ 100PI
IXHQ 100SI
Bill of Materials
Figure 4
Figure 3
Item
Reference Num ber
Part Value
1C1
10uF/100V
TH
2C2
3.3nF
25V
0805
3C3
10uF/25V
TH
4C4
10uF/16V
TH
5C5
100uF/100V
TH
6Q1
IRF2807S
D2
7R2
10 Kohm
0.1W att
0805
8R3
3 Kohm
0.1W att
0805
9R6
0 ohm
0.1W att
0805
10
R7
0 ohm
0.1W att
0805
11
R12
16 Kohm
0.1W att
0805
12
R13
16 Kohm
0.1W att
0805
13
R14
16 Kohm
0.1W att
0805
14
R17
10 Kohm
0.1W att
0805
15
R18
10 Kohm
0.1W att
0805
16
R19
100 kohm
0.1W att
0805
17
Rg
10 ohm
0.1W att
0805
18
U1
IXHQ100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com