Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRPLLNR1 Datasheet(PDF) 9 Page - IXYS Corporation

Part # IRPLLNR1
Description  POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IRPLLNR1 Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IRPLLNR1 Datasheet HTML 5Page - IXYS Corporation IRPLLNR1 Datasheet HTML 6Page - IXYS Corporation IRPLLNR1 Datasheet HTML 7Page - IXYS Corporation IRPLLNR1 Datasheet HTML 8Page - IXYS Corporation IRPLLNR1 Datasheet HTML 9Page - IXYS Corporation IRPLLNR1 Datasheet HTML 10Page - IXYS Corporation IRPLLNR1 Datasheet HTML 11Page - IXYS Corporation IRPLLNR1 Datasheet HTML 12Page - IXYS Corporation IRPLLNR1 Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Reference Design Data Sheet intended for design information only.
Subjected to changes without prior notice.
9
The following waveforms (see Figures 1 and 2) are from a dual 40W/T12 ballast (see Bill of
Materials) and include ballast input, ouput and control measurements during all modes of
operation.
Figure 1 : Line input voltage (upper trace, 200V/div) and
Figure 2 : Drain-to-source voltage (upper trace, 200V/div)
current (lower trace, 0.5A/div) during 120VAC normal
current (lower trace, 0.5A/div) during 230VAC normal
operation. Timescale = 5ms/div.
operation. Timescale = 5ms/div.
Figure 3 : Line input current (200V/div) during preheat,
Figure 4 : Rectifier output voltage (upper trace, 200V/div),
ignition and running operating conditions.
VCC IR2153 (middle trace, 10V/div) and VDD LX1562
Timescale = 0.5s/div.
(lower trace, 10V/div) during start-up. Timescale = 5ms/div.
IRPLLNR1
Measurements (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com