Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX2 Datasheet(PDF) 2 Page - AIC tech Inc.

Part # FX2
Description  Useful of 8,000 hours at 85ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

FX2 Datasheet(HTML) 2 Page - AIC tech Inc.

  FX2 Datasheet HTML 1Page - AIC tech Inc. FX2 Datasheet HTML 2Page - AIC tech Inc. FX2 Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
FX2 Series
Standard Products Table
Rated Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Z max
(m )
20
℃, 10kHz
ESL(typ.)
(nH)
Product name
400
2,200
51
×115
0.15
8.8
46
48
21
FX22G222YC115
2,700
51
×130
0.15
10.2
38
40
21
FX22G272YC130
3,300
64
×96
0.15
11.0
30
32
22
FX22G332YD096
3,900
64
×115
0.15
12.8
26
28
22
FX22G392YD115
4,700
64
×130
0.15
14.8
21
22
22
FX22G472YD130
5,600
77
×115
0.15
16.2
18
19
24
FX22G562YE115
6,800
77
×130
0.15
18.7
15
15
24
FX22G682YE130
8,200
77
×155
0.15
22.0
12
15
24
FX22G822YE155
10,000
77
×195
0.15
26.7
10
15
24
FX22G103YE195
90
×131
0.15
24.2
10
15
24
FX22G103YF131
12,000
90
×157
0.15
28.5
8
13
24
FX22G123YF157
15,000
90
×196
0.15
34.8
8
10
24
FX22G153YF196
18,000
90
×236
0.15
41.2
6
9
24
FX22G183YF236
22,000
101
×237
0.15
47.0
6
8
33
FX22G223YG237
450
1,800
51
×115
0.15
7.6
56
58
21
FX22W182YC115
2,200
51
×130
0.15
8.8
46
48
21
FX22W222YC130
2,700
64
×96
0.15
9.5
38
40
22
FX22W272YD096
3,300
64
×115
0.15
11.2
30
35
22
FX22W332YD115
3,900
64
×130
0.15
12.8
27
32
22
FX22W392YD130
4,700
77
×115
0.15
14.1
21
21
24
FX22W472YE115
5,600
77
×130
0.15
16.2
20
20
24
FX22W562YE130
6,800
77
×155
0.15
19.1
15
18
24
FX22W682YE155
8,200
77
×195
0.15
23.0
14
16
24
FX22W822YE195
90
×131
0.15
21.0
14
17
24
FX22W822YF131
10,000
90
×171
0.15
25.7
10
15
24
FX22W103YF171
12,000
90
×196
0.15
29.7
9
12
24
FX22W123YF196
101
×175
0.15
29.3
9
12
33
FX22W123YG175
15,000
90
×236
0.15
35.9
7
10
24
FX22W153YF236
101
×195
0.15
34.2
7
10
33
FX22W153YG195
18,000
101
×237
0.15
40.5
6
10
33
FX22W183YG237
500
1,200
51
×115
0.20
6.2
93
100
21
FX22H122YC115
64
×96
0.20
6.3
93
100
22
FX22H122YD096
1,500
51
×130
0.20
7.3
74
80
21
FX22H152YC130
64
×96
0.20
7.1
74
80
22
FX22H152YD096
1,800
64
×115
0.20
8.3
53
50
22
FX22H182YD115
2,200
64
×130
0.20
9.6
40
35
22
FX22H222YD130
2,700
77
×115
0.20
10.7
37
33
24
FX22H272YE115
3,300
77
×130
0.20
12.4
36
32
24
FX22H332YE130
3,900
77
×155
0.20
14.4
27
29
24
FX22H392YE155
4,700
77
×171
0.20
16.5
25
25
24
FX22H472YE171
90
×131
0.20
15.8
25
25
24
FX22H472YF131
5,600
77
×195
0.20
19.0
23
21
24
FX22H562YE195
90
×157
0.20
18.6
23
21
24
FX22H562YF157
6,800
90
×171
0.20
21.2
20
18
24
FX22H682YF171
8,200
90
×196
0.20
24.5
17
16
24
FX22H822YF196
101
×175
0.20
24.2
17
16
33
FX22H822YG175
10,000
90
×236
0.20
29.3
14
12
24
FX22H103YF236
101
×195
0.20
27.9
14
14
33
FX22H103YG195
12,000
101
×237
0.20
33.1
12
12
33
FX22H123YG237
550
1,000
51
×130
0.20
5.9
112
120
21
FX22L102YC130
1,200
64
×115
0.20
6.8
93
100
22
FX22L122YD115
1,500
64
×130
0.20
8.0
74
80
22
FX22L152YD130
1,800
77
×115
0.20
8.7
61
50
24
FX22L182YE115
2,200
77
×130
0.20
10.1
53
50
24
FX22L222YE130
2,700
77
×155
0.20
12.0
40
35
24
FX22L272YE155
3,300
77
×155
0.20
13.3
38
32
24
FX22L332YE155
3,900
90
×157
0.20
15.5
30
27
24
FX22L392YF157
4,700
90
×171
0.20
17.6
25
20
24
FX22L472YF171
5,600
90
×196
0.20
20.3
20
17
24
FX22L562YF196
6,800
90
×236
0.20
24.1
17
17
24
FX22L682YF236
8,200
101
×237
0.20
27.3
15
15
33
FX22L822YG237
600
1,000
64
×96
0.20
4.2
129
133
22
FX2600V102YD096
1,200
64
×115
0.20
4.9
122
125
22
FX2600V122YD115
1,500
77
×96
0.20
5.5
111
114
24
FX2600V152YE096
1,800
77
×115
0.20
6.4
99
102
24
FX2600V182YE115
2,200
77
×130
0.20
7.4
85
87
24
FX2600V222YE130
2,700
77
×155
0.20
8.8
66
68
24
FX2600V272YE155
3,300
90
×131
0.20
9.8
44
45
24
FX2600V332YF131
3,900
90
×157
0.20
11.4
22
22
24
FX2600V392YF157



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com