Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9411 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9411
Description  10-Bit, 170/200 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9411 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9411 Datasheet HTML 9Page - Analog Devices AD9411 Datasheet HTML 10Page - Analog Devices AD9411 Datasheet HTML 11Page - Analog Devices AD9411 Datasheet HTML 12Page - Analog Devices AD9411 Datasheet HTML 13Page - Analog Devices AD9411 Datasheet HTML 14Page - Analog Devices AD9411 Datasheet HTML 15Page - Analog Devices AD9411 Datasheet HTML 16Page - Analog Devices AD9411 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD9411
Rev. A | Page 13 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
–120
–100
–80
–90
–110
–60
–70
–40
–50
–20
–30
0
–10
40
30
10
20
0
50607080
MHz
SNR = 60.1dB
SINAD = 59.9dB
H2 = –91.3dBc
H3 = –75.2dBc
SFDR = 75.3dBc
Figure 9. FFT: fS = 170 MSPS, AIN = 10.3 MHz @ −0.5 dBFS
40
30
10
20
0
5060
7080
–120
–100
–80
–90
–110
–60
–70
–40
–50
–20
–30
0
–10
MHz
SNR = 59.8dB
SINAD = 59.8dB
H2 = –91.9dBc
H3 = –80.6dBc
SFDR = 73.2dBc
Figure 10. FFT: fS = 170 MSPS, AIN = 65 MHz @ –0.5 dBFS
40
30
10
20
0
50607080
–120
–100
–80
–90
–110
–60
–70
–40
–50
–20
–30
0
–10
MHz
SNR = 59.2dB
SINAD = 59.1dB
H2 = –70.1dBc
H3 = –87.0dBc
SFDR = 69.8dBc
Figure 11. FFT: fS = 170 MSPS, AIN = 10.3, MHz @ –0.5 dBFS,
Single-Ended Input, 0.76 V Input Range
MHz
100
020
10
40
30
60
50
80
90
70
0
–20
–10
–40
–30
–60
–50
–80
–70
–100
–90
–110
–120
SNR = 59.7dB
SINAD = 59.5dB
H2 = –83.6dBc
H3 = –72.6dBc
SFDR = 72.5dBc
Figure 12. FFT: fS = 200 MSPS, AIN = 10.3 MHz @ −0.5 dBFS
MHz
100
020
30
10
40
50
60
70
80
90
0
–20
–10
–40
–30
–60
–50
–80
–70
–100
–90
–120
–110
SNR = 59.5dB
SINAD = 59.4dB
H2 = –82.5dBc
H3 = –72.8dBc
SFDR = 72.7dBc
Figure 13. FFT: fS = 200 MSPS, AIN = 65 MHz @ −0.5 dBFS
MHz
100
020
10
40
30
60
50
80
90
70
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–120
–110
SNR = 50.6dB
SINAD = 43.8dB
H2 = –44.8dBc
H3 = –67.4dBc
SFDR = 43.6dBc
Figure 14. FFT: fS = 200 MSPS, AIN = 70 MHz @ −0.5 dBFS,
Single-Ended Drive, 1.5 V Input Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com