Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD12401 Datasheet(PDF) 21 Page - Analog Devices

Part # AD12401
Description  12-Bit, 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12401 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD12401 Datasheet HTML 17Page - Analog Devices AD12401 Datasheet HTML 18Page - Analog Devices AD12401 Datasheet HTML 19Page - Analog Devices AD12401 Datasheet HTML 20Page - Analog Devices AD12401 Datasheet HTML 21Page - Analog Devices AD12401 Datasheet HTML 22Page - Analog Devices AD12401 Datasheet HTML 23Page - Analog Devices AD12401 Datasheet HTML 24Page - Analog Devices AD12401 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD12401
Rev. A | Page 21 of 28
The SMA edge connectors (AIN and ENC/ENC) are surface
mounted to the board to achieve minimum height of the
module. When attaching and routing the cables, one must
ensure they are stress-relieved and do not apply stress to the
SMA connector/board. The presence of stress on the cables can
degrade electrical performance and mechanical integrity of the
module. In addition to the routing precautions, the smallest
torque necessary to achieve consistent performance should be
used to secure the system cable to the AD12401’s SMA
connectors. The torque should never exceed 5-inch pounds.
Any disturbances to the AD12401 structure, including
removing the covers or mounting screws, invalidates the
calibration and results in degraded performance. See the
Outline Dimensions section for mounting stud dimensions, see
Figure 38 for PCB interface locations. Mounting stud length
typically accommodates a PCB thickness of 0.093". Consult
sales if board thickness requirements exceed this dimension.
AD12401 EVALUATION KIT
The AD12401/KIT offers an easy way to evaluate the AD12401.
The AD12401/KIT includes the AD12401 mounted on an
adapter card, the AD12401 evaluation board, the power supply
cables, a 225 MHz buffer memory FIFO board, and the Dual
Analyzer software. The user must supply a clock source, an
analog input source, a 1.5 V power supply, a 3.3 V power supply,
a 5 V power supply, and a 3.8 V power supply. The clock source
and analog input source connect directly to the AD12401. The
power supply cables (included) and a parallel port cable (not
included) connect to the evaluation board. The AD12401
works on the same evaluation board as the AD12400 and the
AD12500: GS08054.
Power Connector
Power is supplied to the board via a detachable 12-lead power
strip (three 4-pin blocks).
Table 11. Power Connector
Supply
Description
VA 3.7 V
Analog supply for the ADC (950 mA typ)
VC 3.3 V
Digital supply for the ADC outputs (400 mA typ)
VD 1.5 V1
Digital supply for the FPGA (1.25 A max, 0.7 A typ)
VB 5.0 V
Digital supply for the buffer memory board (400 mA typ)
1 The power supply cable has an approximately 100 mV drop. The VD supply
current is dependent on the analog input frequency (see Figure 17).
Analog Input
The analog input source connects directly to an SMA on the
AD12401.
H/L_GAIN
The H/L_GAIN select jumper, Pin 103, should be on for low
gain mode (AD12401-xxxKWS). The H/L_GAIN select jumper
should be removed for high gain mode, AD12401-xxxJWS.
ENCODE
The single-ended or differential ENCODE signal connects directly
to SMA connector(s) on the AD12401. A single-ended sine wave
at 10 dBm connected to the ENCODE SMA is recommended.
A low jitter clock source (<0.5 ps) is recommended to properly
evaluate the AD12401.
DATA OUTPUTS
The AD12401xxxKWS digital outputs are available at the 80-pin
connector, P2, on the evaluation board. The AD12401/KIT
comes with a buffer memory FIFO board connected to P2,
which provides the interface to the parallel port of a PC. The
Dual Analyzer software is compatible with Windows® 95,
Windows 98, Windows 2000, and Windows NT®.
The buffer memory FIFO board can be removed, and an external
logic analyzer or other data acquisition module can be connected
to this connector, if required.
Adapter Card
The AD12401 is attached to an adapter card that interfaces to
the evaluation board through a 120-pin connector, P1, which is
on the top side of the evaluation board.
Digital Postprocessing Control
The evaluation board has a 2-pin jumper, labeled AFB, that
allows the user to enable/disable the digital postprocessing. The
digital postprocessing is active when the AFB jumper is applied.
When the jumper is removed, the FPGA is set to a passthrough
mode, which demonstrates to the user the performance of the
AD12401 without the digital postprocessing.
RESET
The AD12401’s FPGA configuration is stored in an EEPROM
and loaded into the FPGA when power is applied to the AD12401.
The RESET switch, SW1 (active low), allows the user to reload
the FPGA in case of a low voltage condition or a power supply
glitch. Depressing the RESET switch pulls the data-ready and
output bits high. The RESET switch should remain low for a
minimum of 200 ns. On the rising edge of the RESET pulse, the
AD12401 starts loading the configuration into the on-module
FPGA. The reload process requires a maximum of 600 ms to
complete. Valid signals on the data-ready pins indicate the reset
process is complete.
The AD12401 is not compatible with the HSC-ADC-EVAL-
DC/SC hardware or software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com