Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21LD Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAS21LD
Description  High-voltage switching diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21LD Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAS21LD Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21LD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BAS21LD
High-voltage switching diode
28 February 2018
Product data sheet
1. General description
High-voltage switching diode, encapsulated in an leadless ultra small DFN1006D-2 (SOD882D)
Surface-Mounted Device (SMD) plastic package with visible and solderable side pads.
2. Features and benefits
• High switching speed: trr ≤ 50 ns
• Low leakage current: IR ≤ 100 nA
• High reverse voltage VR ≤ 200 V
• Low capacitance: Cd ≤ 2 pF
• Ultra small and leadless SMD plastic package
• Soldarable side pads
• Package height typ. 0.37 mm
• AEC-Q101 qualified
3. Applications
• High-speed switching
• General-purpose switching
• Voltage clamping
• Reverse polarity protection
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1]
-
-
330
mA
VR
reverse voltage
-
-
200
V
VRRM
repetitive peak reverse
voltage
Tj = 25 °C
-
-
250
V
VF
forward voltage
IF = 200 mA; tp ≤ 300 µs; δ ≤ 0.02 ;
Tj = 25 °C
-
-
1.25
V
IR
reverse current
VR = 200 V; pulsed; Tj = 25 °C
-
-
100
nA
trr
reverse recovery time
IF = 30 mA; IR = 30 mA; RL = 100 Ω;
IR(meas) = 3 mA; Tj = 25 °C
-
-
50
ns
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.


Similar Part No. - BAS21LD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAS21LD-Q NEXPERIA-BAS21LD-Q Datasheet
225Kb / 11P
High-voltage switching diode
2 December 2024
More results

Similar Description - BAS21LD

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com