Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21LL Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BAS21LL
Description  High-voltage switching diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21LL Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BAS21LL Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21LL Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21LL Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21LL Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21LL Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21LL Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAS21LL Datasheet HTML 10Page - Nexperia B.V. All rights reserved BAS21LL Datasheet HTML 11Page - Nexperia B.V. All rights reserved BAS21LL Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Nexperia
BAS21LL
High-voltage switching diode
12. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD882
sod882_po
14-08-26
14-08-27
Unit
mm
max
nom
min
0.50
0.46
0.03
0.62
0.55
1.02
0.95
0.65
0.30
0.22
A(1)
Dimensions (mm are the original dimensions)
Note
1. Including plating thickness
2. The marking bar indicates the cathode (if applicable)
DFN1006-2: Leadless ultra small plastic package; 2 terminals; body 1.0 x 0.6 x 0.5 mm
SOD882
A1
b
0.55
0.47
D
E
e1
L
0
0.5
1 mm
scale
L
E
(2)
2
1
b
A1
A
D
L
e1
Fig. 9. Package outline DFN1006-2 (SOD882)
BAS21LL
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
27 February 2018
8 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com