Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856T_SER Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BC856T_SER
Description  PNP general purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856T_SER Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BC856T_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856T_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856T_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856T_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856T_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856T_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856T_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856T_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856T_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2000 Nov 15
3
NXP Semiconductors
Product data sheet
PNP general purpose transistors
BC856T; BC857T series
THERMAL CHARACTERISTICS
Note
1.
Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified.
Note
1.
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air; note 1
833
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current VCB = −30 V; IE = 0
−
−
−15
nA
VCB = −30 V; IE = 0; Tj = 150 °C
−
−
−5
μA
IEBO
emitter cut-off current
VEB = −5 V; IC = 0
−
−
−100
nA
hFE
DC current gain
VCE = −5 V; IC = −2 mA
BC856AT; BC857AT
125
−
250
BC856BT; BC857BT
220
−
475
BC857CT
420
−
800
VCEsat
collector-emitter saturation
voltage
IC = −10 mA; IB = −0.5 mA
−
−
−200
mV
IC = −100 mA; IB = −5 mA; note 1
−
−
−400
mV
VBE
base-emitter voltage
IC = −2 mA; VCE = −5 V
−580
−
−700
mV
IC = −10 mA; VCE = −5 V
−
−
−770
mV
Cc
collector capacitance
VCB = −10 V; f = 1 MHz; IE = ie = 0
−
−
2.5
pF
Ce
emitter capacitance
VEB = −0.5 V; f = 1 MHz; IC = ic = 0
−
10
−
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V;
f = 100 MHz
100
−
−
MHz
F
noise figure
IC = −200 μA; VCE = −5 V;
RS = 2 kΩ; f = 1 kHz; B = 200 Hz
−
−
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com