Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7679 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7679
Description  16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7679 Datasheet(HTML) 1 Page - Analog Devices

  AD7679 Datasheet HTML 1Page - Analog Devices AD7679 Datasheet HTML 2Page - Analog Devices AD7679 Datasheet HTML 3Page - Analog Devices AD7679 Datasheet HTML 4Page - Analog Devices AD7679 Datasheet HTML 5Page - Analog Devices AD7679 Datasheet HTML 6Page - Analog Devices AD7679 Datasheet HTML 7Page - Analog Devices AD7679 Datasheet HTML 8Page - Analog Devices AD7679 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
16-Bit, 750 kSPS, Unipolar/Bipolar
Programmable Input PulSAR® ADC
AD7612
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Multiple pins/software programmable input ranges:
5 V, 10 V, ±5 V, ±10 V
Pins or serial SPI®-compatible input ranges/mode selection
Throughput
750 kSPS (warp mode)
600 kSPS (normal mode)
500 kSPS (impulse mode)
INL: ±0.75 LSB typical, ±1.5 LSB maximum (±23 ppm of FSR)
16-bit resolution with no missing codes
SNR: 92 minimum (5 V) @ 2 kHz, 94 dB typical (±10 V) @ 2 kHz
THD: −107 dB typical
iCMOS™ process technology
5 V internal reference: typical drift 3 ppm/°C; TEMP output
No pipeline delay (SAR architecture)
Parallel (16- or 8-bit bus) and serial 5 V/3.3 V interface
SPI-/QSPI™-/MICROWIRE™-/DSP-compatible
Power dissipation: 190 mW @ 750 kSPS
Pb-free, 48-lead LQFP and LFCSP (7 mm × 7 mm) packages
APPLICATIONS
Process control
Medical instruments
High speed data acquisition
Digital signal processing
Instrumentation
Spectrum analysis
ATE
GENERAL DESCRIPTION
The AD7612 is a 16-bit charge redistribution successive
approximation register (SAR), architecture analog-to-digital
converter (ADC) fabricated on Analog Devices, Inc.’s iCMOS
high voltage process. The device is configured through hardware or
via a dedicated write only serial configuration port for input
range and operating mode. The AD7612 contains a high speed
16-bit sampling ADC, an internal conversion clock, an internal
reference (and buffer), error correction circuits, and both serial
and parallel system interface ports. A falling edge on CNVST
samples the analog input on IN+ with respect to a ground
sense, IN−. The AD7612 features four different analog input
ranges and three different sampling modes: warp mode for the
fastest throughput, normal mode for the fastest asynchronous
throughput, and impulse mode where power consumption is
scaled linearly with throughput. Operation is specified from
−40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
16
CONTROL LOGIC AND
CALIBRATION CIRCUITRY
CLOCK
AD7612
DGND
DVDD
AVDD
AGND
REF REFGND
IN+
PD
RESET
CNVST
PDBUF
REFBUFIN
PDREF
REF
TEMP
D[15:0]
BUSY
RD
CS
OB/2C
OGND
OVDD
BYTESWAP
SER/PAR
REF
AMP
SERIAL DATA
PORT
PARALLEL
INTERFACE
SWITCHED
CAP DAC
VCC VEE
WARP IMPULSE BIPOLAR TEN
SERIAL
CONFIGURATION
PORT
IN–
Figure 1.
Table 1. 48-Lead 14-/16-/18-Bit PulSAR Selection
Type
100 kSPS to
250 kSPS
500 kSPS to
570 kSPS
800 kSPS to
1000 kSPS
>1000
kSPS
Pseudo
Differential
AD7651
AD7660
AD7661
AD7650
AD7652
AD7664
AD7666
AD7653
AD7667
True Bipolar
AD7663
AD7665
AD7612
AD7671
True
Differential
AD7675
AD7676
AD7677
AD7621
AD7622
AD7623
18-Bit, True
Differential
AD7678
AD7679
AD7674
AD7641
AD7643
Multichannel/
Simultaneous
AD7654
AD7655
PRODUCT HIGHLIGHTS
1.
Programmable input range and mode selection.
Pins or serial port for selecting input range/mode select.
2.
Fast throughput.
In warp mode, the AD7612 is 750 kSPS.
3.
Superior Linearity.
No missing 16-bit code. ±1.5 LSB max INL.
4.
Internal Reference.
5 V internal reference with a typical drift of ±3 ppm/°C
and an on-chip temperature sensor.
5.
Serial or Parallel Interface.
Versatile parallel (16- or 8-bit bus) or 2-wire serial interface
arrangement compatible with 3.3 V or 5 V logic.


Similar Part No. - AD7679

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7679 AD-AD7679 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7679 AD-AD7679 Datasheet
1Mb / 28P
18-Bit, 2.5 LSB INL, 800 kSPS SAR ADC
7/03-Revision 0
AD7679 AD-AD7679 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7679 AD-AD7679 Datasheet
556Kb / 28P
18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. 0
AD7679 AD-AD7679 Datasheet
675Kb / 24P
16-Bit, 1 MSPS CMOS ADC
REV. C
More results

Similar Description - AD7679

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7610 AD-AD7610 Datasheet
820Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
10/06-Revision 0
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7612 AD-AD7612_15 Datasheet
525Kb / 32P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7951 AD-AD7951 Datasheet
761Kb / 33P
14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
23-Feb-2017
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
23-Feb-2017
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com