Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB751CS40 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # RB751CS40
Description  Schottky barrier diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

RB751CS40 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  RB751CS40 Datasheet HTML 1Page - Nexperia B.V. All rights reserved RB751CS40 Datasheet HTML 2Page - Nexperia B.V. All rights reserved RB751CS40 Datasheet HTML 3Page - Nexperia B.V. All rights reserved RB751CS40 Datasheet HTML 4Page - Nexperia B.V. All rights reserved RB751CS40 Datasheet HTML 5Page - Nexperia B.V. All rights reserved RB751CS40 Datasheet HTML 6Page - Nexperia B.V. All rights reserved RB751CS40 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Nexperia
RB751CS40
Schottky barrier diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
RB751CS40
DFN1006-2
plastic, leadless ultra small package; 2 terminals; 0.65 mm
pitch; 1 mm x 0.6 mm x 0.48 mm body
SOD882
7. Marking
Table 4. Marking codes
Type number
Marking code
RB751CS40
F6
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
Tj = 25 °C
-
40
V
VRRM
repetitive peak reverse
voltage
-
40
V
IF
forward current
-
120
mA
IFSM
non-repetitive peak
forward current
tp < 10 ms; square wave; Tj(init) = 25 °C
-
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] [2]
-
250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] Reflow soldering is the only recommended soldering method.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] [2] -
-
500
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] Reflow soldering is the only recommended soldering method.
RB751CS40
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
7 April 2021
2 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com