Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849I Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83849I
Description  DP83849I PHYTER DUAL Industrial Temperature with Flexible Port Switching Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83849I Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DP83849I Datasheet HTML 9Page - National Semiconductor (TI) DP83849I Datasheet HTML 10Page - National Semiconductor (TI) DP83849I Datasheet HTML 11Page - National Semiconductor (TI) DP83849I Datasheet HTML 12Page - National Semiconductor (TI) DP83849I Datasheet HTML 13Page - National Semiconductor (TI) DP83849I Datasheet HTML 14Page - National Semiconductor (TI) DP83849I Datasheet HTML 15Page - National Semiconductor (TI) DP83849I Datasheet HTML 16Page - National Semiconductor (TI) DP83849I Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 106 page
background image
13
www.national.com
1.5 JTAG Interface
1.6 Reset and Power Down
1.7 Strap Options
The DP83849I uses many of the functional pins as strap
options. The values of these pins are sampled during reset
and used to strap the device into specific modes of opera-
tion. The strap option pin assignments are defined below.
The functional pin name is indicated in parentheses.
A 2.2 k
Ω resistor should be used for pull-down or pull-up to
change the default strap option. If the default option is
required, then there is no need for external pull-up or pull
down resistors. Since these pins may have alternate func-
tions after reset is deasserted, they should not be con-
nected directly to VCC or GND.
Signal Name
Type
Pin #
Description
TCK
I, PU
72
TEST CLOCK
This pin has a weak internal pullup.
TDO
O
73
TEST OUTPUT
TMS
I, PU
74
TEST MODE SELECT
This pin has a weak internal pullup.
TRSTN
I, PU
75
TEST RESET Active low test reset.
This pin has a weak internal pullup.
TDI
I, PU
76
TEST DATA INPUT
This pin has a weak internal pullup.
Signal Name
Type
Pin #
Description
RESET_N
I, PU
71
RESET: Active Low input that initializes or re-initializes the
DP83849I. Asserting this pin low for at least 1
µs will force a reset
process to occur. All internal registers will re-initialize to their de-
fault states as specified for each bit in the Register Block section.
All strap options are re-initialized as well.
PWRDOWN_INT_A
PWRDOWN_INT_B
I, PU
18
44
The default function of this pin is POWER DOWN.
POWER DOWN: The pin is an active low input in this mode and
should be asserted low to put the device in a Power Down mode.
INTERRUPT: The pin is an open drain output in this mode and will
be asserted low when an interrupt condition occurs. Although the
pin has a weak internal pull-up, some applications may require an
external pull-up resister. Register access is required for the pin to
be used as an interrupt mechanism. See Section 5.5.2 Interrupt
Mechanism for more details on the interrupt mechanisms.
Signal Name
Type
Pin #
Description
PHYAD1 (RXD0_A)
PHYAD2 (RXD1_A)
PHYAD3 (RXD0_B)
PHYAD4 (RXD1_B)
S, O, PD
S, O, PD
S, O, PD
S, O, PD
4
5
58
57
PHY ADDRESS [4:1]: The DP83849I provides four PHY address
pins, the state of which are latched into the PHYCTRL register at
system Hardware-Reset. Phy Address[0] selects between ports A
and B.
The DP83849I supports PHY Address strapping for Port A even
values 0 (<0000_0>) through 30 (<1111_0>). Port B will be
strapped to odd values 1 (<0000_1>) through 31 (<1111_1>).
PHYAD[4:1] pins have weak internal pull-down resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com