Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360HS710SCAS4WPEC Datasheet(PDF) 1 Page - AIC tech Inc.

Part # 360HS710SCAS4WPEC
Description  medical laser, portable X-ray generator, and photo flash
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

360HS710SCAS4WPEC Datasheet(HTML) 1 Page - AIC tech Inc.

  360HS710SCAS4WPEC Datasheet HTML 1Page - AIC tech Inc. 360HS710SCAS4WPEC Datasheet HTML 2Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HS Series
• Conform RoHS
Features
• Best fit for applications requiring fast energy discharge like aesthetic equipment,
medical laser, portable X-ray generator, and photo flash.
Product Specifications
Items
Specifications
Temperature range
−20℃∼ +55℃
Rated voltage
330WV.DC
360WV.DC
400WV.DC
450WV.DC
Withstanding voltage
350SV.DC
380SV.DC
420SV.DC
470SV.DC
Capacitance tolerance
−10℃∼ +20%(20℃,120Hz)
Leakage current
C
≦ 3,000:0.02CV (μA) or 3mA, whichever is smaller or less(20℃,after 5 minutes)
C
> 3,000:1×C (μA)(20℃,after 5 minutes)
[C = nominal capacitance (μF), V = rated voltage (V)]
Dissipation factor
Less than the value specified in the standard products table.
(20℃,120Hz)
Endurance of charge-
discharge behavior
A resistance of about 1 ohm is connected in series with the capacitor under normal ambient temperature.
Then the capacitor is charged / discharged at rated voltage for 5,000 times at intervals of 15 seconds.
A lapse of 8 hours after the test, the capacitor shall satisfy the following characteristics.
Capacitance change : Within
±15% of the initial value measured
Dissipation factor
: Not more than 150% of initial value specified
Leakage current
: Not more than 150% of initial value specified
Others
E
ⅠAJ-RC2365, JⅠS C 5101-4
10
φD±1
2-claw short terminal
(Terminal code : C)
4-claw terminal
(Terminal code : S)
Snap Lock Terminal
PET Sleeve
Case vent
4.0
±0.5
L
±2
Plate less
Case vent
Plate less
(Unit : mim)
φD±1
6.3
±1
L
±2
BLANK terminals
BLANK terminals
(Unit : mim)
PET Sleeve
Snap Lock Terminal
Dimensions
Environmental code
Plate code
Case height code
Case dia code
Terminal code
Capacitance tolerance code
Rated Capacitance
Type of series
(Example) HS Series 450V 810
μF(−10%∼+20%)
HS 810 S C A
WP
S7
EC
Rated
voltage
450
Product code
UPGRADE!
Refer to page 118-119 for other terminal shape available on request.


Similar Part No. - 360HS710SCAS4WPEC

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
360HS001M16 GLENAIR-360HS001M16 Datasheet
123Kb / 2P
Non-Environmental Backshell
360HS002M16 GLENAIR-360HS002M16 Datasheet
143Kb / 2P
Non-Environmental Backshell
360HS014XB08 GLENAIR-360HS014XB08 Datasheet
306Kb / 2P
Composite Non-Environmental Backshell
360HS014XB10 GLENAIR-360HS014XB10 Datasheet
306Kb / 2P
Composite Non-Environmental Backshell
360HS014XB11 GLENAIR-360HS014XB11 Datasheet
306Kb / 2P
Composite Non-Environmental Backshell
More results

Similar Description - 360HS710SCAS4WPEC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
7525 TOSHIBA-7525 Datasheet
204Kb / 14P
X-ray Thickness Gage
logo
Voltage Multipliers Inc...
XRS040N100 VMI-XRS040N100 Datasheet
171Kb / 2P
Portable X-Ray
logo
Extech Instruments Corp...
461920 EXTECH-461920 Datasheet
105Kb / 6P
Laser Photo Tachometer
461923 EXTECH-461923 Datasheet
154Kb / 4P
LASER PHOTO TACHOMETER
logo
Voltage Multipliers Inc...
XRS040N100 VMI-XRS040N100_07 Datasheet
764Kb / 2P
Portable X-Ray
logo
Hamamatsu Corporation
C12200-461 HAMAMATSU-C12200-461 Datasheet
555Kb / 2P
X-ray TDI Camera
logo
List of Unclassifed Man...
BRXL-PC6U2B ETC2-BRXL-PC6U2B Datasheet
1Mb / 2P
Portable BDXL Blu-ray Writer
logo
Sangdest Microelectroni...
SMP1008-01WTG SMC-SMP1008-01WTG Datasheet
287Kb / 5P
Portable Medical
logo
STANLEY ELECTRIC CO.,LT...
PP1199FB-TR STANLEY-PP1199FB-TR Datasheet
686Kb / 20P
Visible ray cut resin Photo diode (Photo detector)
logo
AIC tech Inc.
HW AICTECH-HW Datasheet
59Kb / 2P
medical laser, portable X-ray generator, and photo flash
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com