Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4947 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4947
Description  Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4947 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM4947 Datasheet HTML 17Page - National Semiconductor (TI) LM4947 Datasheet HTML 18Page - National Semiconductor (TI) LM4947 Datasheet HTML 19Page - National Semiconductor (TI) LM4947 Datasheet HTML 20Page - National Semiconductor (TI) LM4947 Datasheet HTML 21Page - National Semiconductor (TI) LM4947 Datasheet HTML 22Page - National Semiconductor (TI) LM4947 Datasheet HTML 23Page - National Semiconductor (TI) LM4947 Datasheet HTML 24Page - National Semiconductor (TI) LM4947 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Typical Performance Characteristics (Continued)
Crosstalk vs Frequency
V
DD = 3.3V, RL =32
Ω,P
O = 12mW
Mode 4, OCL
Crosstalk vs Frequency
V
DD = 3.3V, RL =32
Ω,P
O = 12mW
Mode 4, SE
20173573
20173574
Crosstalk vs Frequency
V
DD = 5V, RL =32
Ω,P
O = 30mW
Mode 4, OCL
Crosstalk vs Frequency
V
DD = 5V, RL =32
Ω,P
O = 30mW
Mode 4, SE
20173575
20173576
Supply Current vs Supply Voltage
No Load, Mode 7, OCL
Supply Current vs Supply Voltage
No Load, Mode 7, SE
201735C2
20173578
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com