Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0094SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0094SMB
Description  GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0094SMB Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0094SMB Datasheet HTML 1Page - Tyco Electronics MASWSS0094SMB Datasheet HTML 2Page - Tyco Electronics MASWSS0094SMB Datasheet HTML 3Page - Tyco Electronics MASWSS0094SMB Datasheet HTML 4Page - Tyco Electronics MASWSS0094SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs Broadband DPDT Diversity Switch
DC - 6.0 GHz
MASWSS0094
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
2
Electrical Specifications: TA = 25°C, Z0 = 50Ω, VC = 0 V / 3 V, 8 pF Capacitor
4
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5
2.4 GHz
2 - 4 GHz
4 - 5 GHz
4.9 - 6 GHz
dB
dB
dB
dB
—
—
—
—
0.70
0.75
0.90
1.00
1.30
—
—
1.55
Isolation
6
(on/off or off/on)
2.4 GHz
4.9 - 6 GHz
dB
dB
—
25
43
30
—
—
Return Loss
2.4 GHz
4.9 - 6 GHz
dB
dB
—
—
23
15
—
—
IP2
Two Tone, +15 dBm/Tone, 5 MHz Spacing, > 50 MHz
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
93
86
84
—
—
—
IP3
Two Tone, +15 dBm/Tone, 5 MHz Spacing, > 50 MHz
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
52
50
50
—
—
—
Input P-1dB
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
—
—
—
33
31
31
—
—
—
2
nd Harmonic
2.4 GHz, Pin = +20 dBm
5.8 GHz, Pin = +20 dBm
dBc
dBc
—
—
-75
-77
—
—
3
rd Harmonic
2.4 GHz, Pin = +20 dBm
5.8 GHz, Pin = +20 dBm
dBc
dBc
—
—
-69
-86
—
—
Trise, Tfall
10% to 90% RF
90% to 10% RF
nS
nS
—
—
35
60
—
—
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
nS
—
90
—
Transients
mV
—
6
—
Control Current
|Vc| = 3 V
µA
—
6
25
Isolation
(on/on or off/off)
2.4 GHz
4.9 - 6 GHz
dB
dB
—
—
11
20
—
—
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
5. Insertion loss can be optimized by varying the DC blocking capacitor value.
6. Isolation minimum specification guaranteed in final package assembly only.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com