Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM13-12PC-R008 Datasheet(PDF) 1 Page - Amphenol Sine Systems Corp.

Part # ATM13-12PC-R008
Description  ARMOR IPX RECEPTACLE ATM HEADER, 12 POSITIONS,SIZE 20 CONTACT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

ATM13-12PC-R008 Datasheet(HTML) 1 Page - Amphenol Sine Systems Corp.

  ATM13-12PC-R008 Datasheet HTML 1Page - Amphenol Sine Systems Corp. ATM13-12PC-R008 Datasheet HTML 2Page - Amphenol Sine Systems Corp. ATM13-12PC-R008 Datasheet HTML 3Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
SEE SHEET 2
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
QUANTITY
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
PART NUMBER
DWG NO:
TYPE
SHEET
OF
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
ARMOR IPX RECEPTACLE ATM HEADER,
12 POSITIONS,SIZE 20 CONTACT
B
1
3
NONE
A1
-
RELEASE NEW DRAWING
08JUN19
SULLEN TOMMY
6. SEE SHEET 2 FOR OTHER KEY ARRANGEMENTS AND COLORS
7. MAXIMUM COMPONENT HEIGHT DEPENDS ON LOCATION DUE TO PART
DRAFT AND RIBS.(SEE SHEET 3)
8. ALL DIMENSIONS ARE FOR REFERENCE USE ONLY
NOTES: UNLESS OTHERWISE SPECIFIED
1. MATERIAL:
HOUSING: THERMOPLASTIC, BLACK
SEAL: SILICONE RUBBER
CONTACT: COPPER ALLOY
2. MODIFICATIONS: RA PCB MOUNT
3. SPECIFICATIONS:
3.1 CURRENT RATING: 7.5 AMPS
3.2 OPERATING TEMPERATURE: -55°C TO +125°C
3.3 DIELECTRIC WITHSTANDING VOLTAGE: LESS THAN 2
MILLIAMPS CURRENT LEAKAGE @ 1500 VOLTS AC
3.4 INSULATION RESISTANCE: 1000 MEGOHMS MIN @ 25°C
3.5 MOISTURE RESISTANCE: IP69K ( MATED CONDITION )
3.6 MATING CYCLE DURABILITY: 100 CYCLES
3.7 RoHS COMPLIANT
4. MATING PART: ATM06-12SX-*
( X = A,B,C,D KEYS ; * = ALL MODIFICATIONS)
5. THIS RECEPTACLE IS USED WITH AIPXE-325X4A-XXXX AND
AIPXE-325X4B-XXXX ENCLOSURE (XXXX= ALL MODIFICATIONS)
2x 3.3
2x 7.4
2x 9.5
21.2
2x 5.0
2x 18.2
15.7
12
6
7
2.9
2.0
6.4
35.0±0.4
Ø1.0±0.05
3.05±0.4
101.0±0.5
KEY A
GREY
HEADER SEAL
4.2
1
2x 5.3
70.0±0.4
12.9
A2
-
UPDATE DRAWING
29JUL19
SULLEN TOMMY
A3
UPDATED SPACE LIMIT DIMENSION
15JAN20
SULLEN TOMMY


Similar Part No. - ATM13-12PC-R008

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
ATM13-12PC-12PA-BM01 ASS-ATM13-12PC-12PA-BM01 Datasheet
2Mb / 4P
ARMOR IPX RECEPTACLE ATM HEADER, 2 x 12 POSITIONS, SIZE 20 CONTACT
Rev. A3
ATM13-12PC-12PA-BM03 ASS-ATM13-12PC-12PA-BM03 Datasheet
2Mb / 4P
ARMOR IPX RECEPTACLE ATM HEADER, 2 x 12 POSITIONS, SIZE 20 CONTACT
Rev. A3
ATM13-12PC-12PB-BM01 ASS-ATM13-12PC-12PB-BM01 Datasheet
2Mb / 4P
ARMOR IPX RECEPTACLE ATM HEADER, 2 x 12 POSITIONS, SIZE 20 CONTACT
Rev. A3
ATM13-12PC-12PB-BM03 ASS-ATM13-12PC-12PB-BM03 Datasheet
2Mb / 4P
ARMOR IPX RECEPTACLE ATM HEADER, 2 x 12 POSITIONS, SIZE 20 CONTACT
Rev. A3
ATM13-12PC-12PD-BM01 ASS-ATM13-12PC-12PD-BM01 Datasheet
2Mb / 4P
ARMOR IPX RECEPTACLE ATM HEADER, 2 x 12 POSITIONS, SIZE 20 CONTACT
Rev. A3
More results

Similar Description - ATM13-12PC-R008

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-166053-1 MACOM-5-166053-1 Datasheet
55Kb / 1P
PIN CONTACT, SIZE 20 DF.
166053-1 MACOM-166053-1 Datasheet
55Kb / 1P
PIN CONTACT, SIZE 20 DF.
166997-2 MACOM-166997-2 Datasheet
83Kb / 1P
PIN CONTACT, SIZE 20 DF.
logo
Glenair, Inc.
830-003 GLENAIR-830-003 Datasheet
114Kb / 1P
Size #12 Pneumatic Pin Contact
logo
Molex Electronics Ltd.
0461130121 MOLEX1-0461130121_17 Datasheet
33Kb / 2P
1.27mm Pitch, EXTreme LPHPower Receptacle Header, Vertical, 12 Signal Contact
logo
Amphenol Sine Systems C...
AIPXE-325X4X-E016 ASS-AIPXE-325X4X-E016 Datasheet
986Kb / 1P
ARMOR IPX PCB ENCLOSURE,AMBER, SHOWN WITH 24 PIN HEADER
Rev. A6
AIPXE-325X4X ASS-AIPXE-325X4X Datasheet
982Kb / 1P
ARMOR IPX PCB ENCLOSURE,BLACK, SHOWN WITH 24 PIN HEADER
Rev. A6
AT13-204-2005 ASS-AT13-204-2005 Datasheet
34Kb / 1P
SEAL, PLUG, SIZE 20, ATM SERIES
Rev. A3
ATM13-12PX-12PX-BMXX ASS-ATM13-12PX-12PX-BMXX Datasheet
2Mb / 4P
ARMOR IPX RECEPTACLE ATM HEADER, 2 x 12 POSITIONS, SIZE 20 CONTACT
Rev. A3
logo
WONGSHI ENTERPRISE LIMI...
AHCG.103 ANTENNAHOME-AHCG.103 Datasheet
454Kb / 2P
L100 1.13cable IPX-IPX, Cable Assy
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com