Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM13-12PD-R008 Datasheet(PDF) 3 Page - Amphenol Sine Systems Corp.

Part # ATM13-12PD-R008
Description  ARMOR IPX RECEPTACLE ATM HEADER, 12 POSITIONS,SIZE 20 CONTACT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

ATM13-12PD-R008 Datasheet(HTML) 3 Page - Amphenol Sine Systems Corp.

  ATM13-12PD-R008 Datasheet HTML 1Page - Amphenol Sine Systems Corp. ATM13-12PD-R008 Datasheet HTML 2Page - Amphenol Sine Systems Corp. ATM13-12PD-R008 Datasheet HTML 3Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2.00
10.00
82.55
4.00
3.00
101.60
6.35
2x 4.41
2x 9.00
12.00
KEEP CLEAR
BOTTOM SIDE
ONLY
2x 12.00
30.00
12x Ø1.2
+0.2
0
HOLE FOR
Ø1.04 PIN
2x Ø3.00
+0.2
0
FOR #4
[M3] SCREW
4.20
8.40
12.60
16.80
21.00
CIRCUIT BOARD HOLE LOCATIONS
AND KEEP CLEAR AREAS FOR
ATM13-12PX-R008
ATM13-12PX-GR01
ALL DIMENSIONS REFERENCE
TOP VIEW
2.45
REV
DESCRIPTION
DATE
REVISIONS
ECO
APPR
BY
PROCESS SPECIFICATIONS:
MATERIAL SPECIFICATIONS:
QUANTITY
APPROVAL:
ENGINEER:
CHECKED:
DRAWN:
SCALE:
PART NUMBER
DWG NO:
TYPE
SHEET
OF
DESCRIPTION
THIS DRAWING IS SUPPLIED FOR
INFORMATION ONLY. DESIGN FEATURES,
SPECIFICATIONS AND PERFORMANCE DATA
SHOWN HEREON ARE THE PROPERTY OF
THE AMPHENOL CORPORATION. NO RIGHTS
OF REPRODUCTION ARE IMPLIED. ALL
DIMENSIONS ARE SUBJECT TO NORMAL
MANUFACTURING VARIATIONS.
CUSTOMER:
NEXT ASS'Y:
X
44724 Morley Drive
Clinton Township, MI 48036
Sine Systems - www.amphenol-sine.com
ARMOR IPX RECEPTACLE ATM HEADER,
12 POSITIONS,SIZE 20 CONTACT
B
3
3
NONE
SEE SHEET 2
A1
-
RELEASE NEW DRAWING
08JUN19
SULLEN TOMMY
2x 35.00
2.10
THREE DIMENSIONAL SPACE LIMIT
APPROXIMATE INTERNAL SPACE
FOR COMPONENT SPACE LAYOUT
MAX. COMPONENT HEIGHT UNDER BOARD 2.00 mm.
44.00
84.60
14.00
7.00
60.00
A
A
3D VIEW
AIPXE-325X4A-XXXX AND
AIPXE-325X4B-XXXX ENCLOSURE AND
MOUNTING HARDWARE SHOWN FOR REFERENCE
SECTION B-B
B
B
ASSEMBLED PCB ENCLOSURE
SHOWN FOR REFERENCE
SECTION A-A
(133)
HEADER
PCB
ENCLOSURE
#4 [M3] SCREW
LOCATION OPTIONAL
(17.6)
(19.2)
7
7
TOP SURFACE
OF PCB REF
A2
-
UPDATE DRAWING
29JUL19
SULLEN TOMMY
11.00
19.00
17.00
22.00
2x4.00
A3
-
UPDATED SPACE LIMIT DIMENSION
15JAN20
SULLEN TOMMY



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com