Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2F-RJ002-POE-01 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # T2F-RJ002-POE-01
Description  TFOCA Media Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

T2F-RJ002-POE-01 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button T2F-RJ002-POE-01 Datasheet HTML 5Page - Bel Fuse Inc. T2F-RJ002-POE-01 Datasheet HTML 6Page - Bel Fuse Inc. T2F-RJ002-POE-01 Datasheet HTML 7Page - Bel Fuse Inc. T2F-RJ002-POE-01 Datasheet HTML 8Page - Bel Fuse Inc. T2F-RJ002-POE-01 Datasheet HTML 9Page - Bel Fuse Inc. T2F-RJ002-POE-01 Datasheet HTML 10Page - Bel Fuse Inc. T2F-RJ002-POE-01 Datasheet HTML 11Page - Bel Fuse Inc. T2F-RJ002-POE-01 Datasheet HTML 12Page - Bel Fuse Inc. T2F-RJ002-POE-01 Datasheet HTML 13Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
T2 Series Media Converters
10
belfuse.com/cinch
T2X-RJ
Channel 1
Pin
Signal 100/100 Mbps
Signal 1000 Mbps
Power (PoE)
Color
Color Description
1
RX+
TxRx A+
-
White with orange stripe
2
RX-
TxRx A-
-
Solid orange, orange with white stripe
3
TX+
TxRx B+
-
White with green stripe
4
-
TxRx C+
DC+
Solid blue, blue with white stripe
5
-
TxRx C-
DC+
White with blue stripe
6
TX-
TxRx B-
-
Solid green, green with white stripe
7
-
TxRx D+
DC-
White with brown stripe
8
-
TxRx D-
DC-
Solid brown, brown with white stripe
Channel 2
Pin
Signal 100/100 Mbps
Signal 1000 Mbps
Power (PoE)
Color
Color Description
1
RX+
TxRx A+
-
White with orange stripe
2
RX-
TxRx A-
-
Solid orange, orange with white stripe
3
TX+
TxRx B+
-
White with green stripe
4
-
TxRx C+
DC+
Solid blue, blue with white stripe
5
-
TxRx C-
DC+
White with blue stripe
6
TX-
TxRx B-
-
Solid green, green with white stripe
7
-
TxRx D+
DC-
White with brown stripe
8
-
TxRx D-
DC-
Solid brown, brown with white stripe
T568B / 802.3AF Mode B
PoE Power Input on Channel 1 only
/////
/////
/////
/////
/////
/////
/////
/////



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com