Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2K-RJ002-POE Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # T2K-RJ002-POE
Description  TFOCA Media Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

T2K-RJ002-POE Datasheet(HTML) 4 Page - Bel Fuse Inc.

  T2K-RJ002-POE Datasheet HTML 1Page - Bel Fuse Inc. T2K-RJ002-POE Datasheet HTML 2Page - Bel Fuse Inc. T2K-RJ002-POE Datasheet HTML 3Page - Bel Fuse Inc. T2K-RJ002-POE Datasheet HTML 4Page - Bel Fuse Inc. T2K-RJ002-POE Datasheet HTML 5Page - Bel Fuse Inc. T2K-RJ002-POE Datasheet HTML 6Page - Bel Fuse Inc. T2K-RJ002-POE Datasheet HTML 7Page - Bel Fuse Inc. T2K-RJ002-POE Datasheet HTML 8Page - Bel Fuse Inc. T2K-RJ002-POE Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
T2 Series Media Converters
4
belfuse.com/cinch
Absolute Maximum Ratings
Parameter
Symbol
Min
Typical
Max
Unit
Storage Temperature
Ts
-55
+100
C
Supply Voltage - DTL
Vcc
0
+35
V
Supply Voltage - PoE, Per IEEE 802.3AF
Vcc
0
+60
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typical
Max
Unit
Case Operating Temperature
Ts
-40
+71
C
Supply Voltage - DTL
Vs
0
+24
+35
V
Supply Voltage - POE
Vs
+2.8
+48
+57
V
Power Draw
Ps
5.0
6.0
W
Block Diagram
The electrical signals are transformer coupled into a Physical Layer Device (PHY), buffered, and then regenerated into up to
an optical data stream. The optical data stream is then routed to an internal optical transceiver to create the optical signal. The
optical signal is routed to the TFOCA-II compatible connector interface for direct connection to a tactical optical cable.
The media conversion process is compliant to the IEEE 802.3 specifications for Fast Ethernet 100BT and 100BFX, as well as the
IEEE 802.3Z specifications for Gigabit Ethernet 100/1000BT and 1000BLX. The Ethernet connection supports auto-negotiation
for 100/1000BT interfaces. The Ethernet connection also supports auto-cross to automatically support both crossed and un-
crossed ethernet cables.
POWER
XFMR
XFMR
100/1000BT
PHY
100/1000BT
PHY
Buffer Re-clock
FX CNVRT
Buffer Re-clock
FX CNVRT
1000BLX
PHY
1000BLX
PHY
1310
SMF
O/E
310
SMF
O/E
Block Diagram,T2K-DTL602-24VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com