Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2K-RJ002-POE-01 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # T2K-RJ002-POE-01
Description  TFOCA Media Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

T2K-RJ002-POE-01 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  T2K-RJ002-POE-01 Datasheet HTML 1Page - Bel Fuse Inc. T2K-RJ002-POE-01 Datasheet HTML 2Page - Bel Fuse Inc. T2K-RJ002-POE-01 Datasheet HTML 3Page - Bel Fuse Inc. T2K-RJ002-POE-01 Datasheet HTML 4Page - Bel Fuse Inc. T2K-RJ002-POE-01 Datasheet HTML 5Page - Bel Fuse Inc. T2K-RJ002-POE-01 Datasheet HTML 6Page - Bel Fuse Inc. T2K-RJ002-POE-01 Datasheet HTML 7Page - Bel Fuse Inc. T2K-RJ002-POE-01 Datasheet HTML 8Page - Bel Fuse Inc. T2K-RJ002-POE-01 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
T2 Series Media Converters
2
belfuse.com/cinch
Standard Product Line
Part Number
Link Distance
Optical
Data Rate
Electrical
Data Rate
Fiber
Mode
Wavelength
Electrical
Connector
Power
Input
Link
Control
Min
Max
T2F-DTL002-24V
2km
(OM1)
2km
(OM4)
100 Mbps
BFX Locked
10/100 Mbps
Fast Ethernet
Autonegotiate
Multimode
OM1 63/125 um
1310 nm
13-PIN MM
9-32V
N
T2F-DTL002-24V-01
2km
(OM1)
2km
(OM4)
100 Mbps
BFX Locked
10/100 Mbps
Fast Ethernet
Autonegotiate
Multimode
OM1 63/125 um
1310 nm
13-PIN MM
9-32V
Y
T2F-RJ002-POE
2km
(OM1)
2km
(OM4)
100 Mbps
BFX Locked
10/100 Mbps
Fast Ethernet
Autonegotiate
Multimode
OM1 63/125 um
1310 nm
2X RJ45
POE
N
T2F-RJ002-POE-01
2km
(OM1)
2km
(OM4)
100 Mbps
BFX Locked
10/100 Mbps
Fast Ethernet
Autonegotiate
Multimode
OM1 63/125 um
1310 nm
2X RJ45
POE
Y
T2K-DTL002-24V
0.5 KM
(OM1)
1 KM
(OM4)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Multimode
OM1 63/125 um
850 nm
37-PIN MM
9-32V
N
T2K-DTL002-24V-01
0.5 KM
(OM1)
1 KM
(OM4)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Multimode
OM1 63/125 um
850 nm
37-PIN MM
9-32V
Y
T2K-RJ002-POE
0.5 KM
(OM1)
1 KM
(OM4)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Multimode
OM1 63/125 um
850 nm
2X RJ45
POE
N
T2K-RJ002-POE-01
0.5 KM
(OM1)
1 KM
(OM4)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Multimode
OM1 63/125 um
850 nm
2X RJ45
POE
Y
T2K-DTL202-24V
0.5 KM
(OM1)
1 KM
(OM4)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Multimode
OM1 63/125 um
1310 nm
37-PIN MM
9-32V
N
T2K-DTL202-24V-01
0.5 KM
(OM1)
1 KM
(OM4)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Multimode
OM1 63/125 um
1310 nm
37-PIN MM
9-32V
Y
T2K-RJ202-POE
0.5 KM
(OM1)
1 KM
(OM4)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Multimode
OM1 63/125 um
1310 nm
2X RJ45
POE
N
T2K-RJ202-POE-01
0.5 KM
(OM1)
1 KM
(OM4)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Multimode
OM1 63/125 um
1310 nm
2X RJ45
POE
Y
T2K-DTL602-24V
4 KM
(OS1)
10 KM
(OS2)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Singlemode
SMF 9/125 um
1310 nm
37-PIN MM
9-32V
N
T2K-DTL602-24V-01
4 KM
(OS1)
10 KM
(OS2)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Singlemode
SMF 9/125 um
1310 nm
37-PIN MM
9-32V
Y
T2K-RJ602-POE
4 KM
(OS1)
10 KM
(OS2)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Singlemode
SMF 9/125 um
1310 nm
2X RJ45
POE
N
T2K-RJ602-POE-01
4 KM
(OS1)
10 KM
(OS2)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Singlemode
SMF 9/125 um
1310 nm
2X RJ45
POE
Y
T2K-DTL802-24V
30 KM
(OS1)
10 KM
(OS2)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Singlemode
SMF 9/125 um
1310 nm
37-PIN MM
9-32V
N
T2K-DTL802-24V-01
30 KM
(OS1)
10 KM
(OS2)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Singlemode
SMF 9/125 um
1310 nm
37-PIN MM
9-32V
Y
T2K-RJ802-POE
30 KM
(OS1)
10 KM
(OS2)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Singlemode
SMF 9/125 um
1550nm
2X RJ45
POE
N
T2K-RJ802-POE-01
30 KM
(OS1)
10 KM
(OS2)
1000 MPBS
BLX Locked
10/100/1000 Mbps
Gig Ethernet
Autonegotiate
Singlemode
SMF 9/125 um
1550nm
2X RJ45
POE
Y
Custom properties & configurations available by request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com