Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2K-RJ602-POE Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # T2K-RJ602-POE
Description  TFOCA Media Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

T2K-RJ602-POE Datasheet(HTML) 3 Page - Bel Fuse Inc.

  T2K-RJ602-POE Datasheet HTML 1Page - Bel Fuse Inc. T2K-RJ602-POE Datasheet HTML 2Page - Bel Fuse Inc. T2K-RJ602-POE Datasheet HTML 3Page - Bel Fuse Inc. T2K-RJ602-POE Datasheet HTML 4Page - Bel Fuse Inc. T2K-RJ602-POE Datasheet HTML 5Page - Bel Fuse Inc. T2K-RJ602-POE Datasheet HTML 6Page - Bel Fuse Inc. T2K-RJ602-POE Datasheet HTML 7Page - Bel Fuse Inc. T2K-RJ602-POE Datasheet HTML 8Page - Bel Fuse Inc. T2K-RJ602-POE Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
T2 Series Media Converters
3
belfuse.com/cinch
Fiber Link Budget Reference
Symbol
Definition
Units
P = TPOWER,MIN - RSENS,MIN
Equation 1 – Calculating Power Budget
B = (D * AFIBER) + (NSPLICE * LSPLICE) + (NCONN * LCONN)
Equation 2 – Calculating Link Budget
M = P - B
Equation 3 – Calculating Link Margin / Buffer
P
Power Budget
dB
B
Link Budget
dB
D
Link Distance
KM
M
Link Margin / Buffer
dB
NSPLICE
Number of Splices
-
NCONN
Number of Connectors
-
AFIBER
Attenuation, Fiber
dB / KM
LSPLICE
Loss, Splice
dB
LCONN
Loss, Connector
dB
TPOWER, MIN
Transmit Power Minimum
dBm
RSENS, MIN
Receiver Sensitivity Minimum
dBm
Fiber Mode
Fiber Type
Wavelength
Fiber Attenuation
Splice Loss
Connector Loss
(Core/Clad
Ø
)
AFIBER
LSPLICE
LCONN
Multimode
OM1 (62.5/125um)
850nm
3.5 dB / KM
0.1 dB Typical
1 dB Typical
OM1 (62.5/125um)
1310nm
1.5 dB / KM
0.1 dB Typical
1 dB Typical
OM2 (50/125um)
850nm
3.5 dB / KM
0.1 dB Typical
1 dB Typical
OM2 (50/125um)
1310nm
1.5 dB / KM
0.1 dB Typical
1 dB Typical
OM3 (50/125um)
850nm
3.5 dB / KM
0.1 dB Typical
1 dB Typical
OM3 (50/125um)
1310nm
1.5 dB / KM
0.1 dB Typical
1 dB Typical
OM4 (50/125um)
850nm
2.5 dB / KM
0.1 dB Typical
1 dB Typical
OM4 (50/125um)
1310nm
0.8 dB / KM
0.1 dB Typical
1 dB Typical
Singlemode
OS1 (9/125um)
1310nm
1.0 dB / KM
0.1 dB Typical
1 dB Typical
OS1 (9/125um)
1550nm
1.0 dB / KM
0.1 dB Typical
1 dB Typical
OS2 (9/125um)
1310nm
0.4 dB / KM
0.1 dB Typical
1 dB Typical
OS2 (9/125um)
1550nm
0.4 dB / KM
0.1 dB Typical
1 dB Typical
Custom properties & configurations available by request.
Cinch can vary optical properties (increasing Tpower, min or decreasing Rsens, max) to improve overall link budget.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com