Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP100P06PDG Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NP100P06PDG
Description  -60V – -100A – P-channel Power MOS FET Application : Automotive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP100P06PDG Datasheet(HTML) 1 Page - Renesas Technology Corp

  NP100P06PDG Datasheet HTML 1Page - Renesas Technology Corp NP100P06PDG Datasheet HTML 2Page - Renesas Technology Corp NP100P06PDG Datasheet HTML 3Page - Renesas Technology Corp NP100P06PDG Datasheet HTML 4Page - Renesas Technology Corp NP100P06PDG Datasheet HTML 5Page - Renesas Technology Corp NP100P06PDG Datasheet HTML 6Page - Renesas Technology Corp NP100P06PDG Datasheet HTML 7Page - Renesas Technology Corp NP100P06PDG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS1515EJ0100 Rev.1.00
Page 1 of 7
Jun.10.2022
Datasheet
NP100P06PDG
-60V – -100A – P-channel Power MOS FET
Application : Automotive
Description
This product is P-channel MOS Field Effect Transistor designed for high current switching applications.
Features
Super low on-state resistance : RDS(on) = 6.0 m
 Max. ( VGS = -10 V, ID = -50 A )
RDS(on) = 7.8 m
 Max. ( VGS = -4.5 V, ID = -50 A )
Low input capacitance : Ciss = 15000 pF Typ.
Designed for automotive application and AEC-Q101 qualified.
Pb-free (This product does not contain Pb in the external electrode)
Outline
Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Ratings
Unit
Drain to Source Voltage (VGS = 0 V)
VDSS
-60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
20
V
Drain Current (DC) (Tc = 25 °C)
ID(DC)
100
A
Drain Current (pulse)
ID(pulse) Notes1
300
A
Total Power Dissipation (Tc = 25 °C)
PT1
200
W
Total Power Dissipation (Ta = 25 °C)
PT2
1.8
W
Channel Temperature
Tch
175
°C
Storage Temperature
Tstg
-55 to 175
°C
Single Avalanche Current
IAS Notes2
64
A
Single Avalanche Energy
EAS Notes2
420
mJ
Notes 1. PW
 10
s , Duty Cycle  1%
2. Starting Tch=25℃ , VDD = -30V , RG = 25
 , VGS = -20  0V , L = 100H
Gate
Drain
Source
1. Gate
2. Drain
3. Source
4. Drain(Fin)
Equivalent circuit
MP-25ZP (TO-263)
4
1
2
3
R07DS1515EJ0100
Rev.1.00
Jun. 10, 2022


Similar Part No. - NP100P06PDG

ManufacturerPart #DatasheetDescription
logo
NEC
NP100P06PDG NEC-NP100P06PDG Datasheet
191Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P06PDG-E1-AY NEC-NP100P06PDG-E1-AY Datasheet
191Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP100P06PDG-E1-AYNote RENESAS-NP100P06PDG-E1-AYNote Datasheet
300Kb / 9P
SWITCHING P-CHANNEL POWER MOS FET
logo
NEC
NP100P06PDG-E2-AY NEC-NP100P06PDG-E2-AY Datasheet
191Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP100P06PDG-E2-AYNote RENESAS-NP100P06PDG-E2-AYNote Datasheet
300Kb / 9P
SWITCHING P-CHANNEL POWER MOS FET
More results

Similar Description - NP100P06PDG

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSP0650D MORESEMI-MSP0650D Datasheet
443Kb / 6P
-60V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0650K MORESEMI-MSP0650K Datasheet
386Kb / 6P
-60V(D-S) P-Channel Enhancement Mode Power MOS FET
logo
Renesas Technology Corp
NP15P04SLG RENESAS-NP15P04SLG Datasheet
1Mb / 8P
-40V – -15A – P-channel Power MOS FET Application : Automotive
May. 20, 2022
NP20P04SLG RENESAS-NP20P04SLG Datasheet
1Mb / 8P
-40V – -20A – P-channel Power MOS FET Application : Automotive
Jun. 10, 2022
NP36P06KDG RENESAS-NP36P06KDG Datasheet
1Mb / 8P
-60V – -36A – P-channel Power MOS FET Application : Automotive
Jun. 24, 2022
NP36P06SLG RENESAS-NP36P06SLG Datasheet
1Mb / 8P
-60V – -36A – P-channel Power MOS FET Application : Automotive
May. 27, 2022
NP50P06KDG RENESAS-NP50P06KDG Datasheet
1Mb / 8P
-60V – -50A – P-channel Power MOS FET Application : Automotive
Jun. 24, 2022
NP50P06SDG RENESAS-NP50P06SDG Datasheet
1Mb / 8P
-60V – -50A – P-channel Power MOS FET Application : Automotive
Jun. 03, 2022
NP100P06PLG RENESAS-NP100P06PLG Datasheet
1Mb / 8P
-60V – -100A – P-channel Power MOS FET Application : Automotive
Jun. 24, 2022
NP83P06PDG RENESAS-NP83P06PDG Datasheet
1Mb / 8P
-60V – -83A – P-channel Power MOS FET Application : Automotive
Jun. 10, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com