Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP83P06PDG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NP83P06PDG
Description  -60V – -83A – P-channel Power MOS FET Application : Automotive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP83P06PDG Datasheet(HTML) 2 Page - Renesas Technology Corp

  NP83P06PDG Datasheet HTML 1Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 2Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 3Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 4Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 5Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 6Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 7Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NP83P06PDG
R07DS1516EJ0100 Rev.1.00
Page 2 of 7
Jun.10.2022
Thermal Resistance
Channel to Case Thermal Resistance
Rth(ch-c) Notes3
1.0
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-a) Notes3
83.3
°C/W
Electrical Characteristics
(Ta=25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero Gate Voltage Drain Current
IDSS
—
—
-10
A
VDS = -60 V, VGS = 0 V
Gate Leakage Current
IGSS
—
—
100
nA
VGS =  20 V, VDS = 0 V
Gate to Source Threshold Voltage
VGS(th)
-1.0
-1.6
-2.5
V
VDS = -10 V, ID = -1 mA
Forward Transfer Admittance
| yfs | Notes4
30
60
—
S
VDS = -10 V, ID = -41.5 A
Drain to Source On-state Resistance
RDS(on)1 Notes4
—
6.9
8.8
m
VGS = -10 V, ID = -41.5 A
RDS(on)2 Notes4
—
8.0
12
m
VGS = -4.5 V, ID = -41.5 A
Input Capacitance
Ciss
—
10100
—
pF
VDS = -10 V
VGS = 0 V
f = 1 MHz
Output Capacitance
Coss
—
1140
—
pF
Reverse Transfer Capacitance
Crss
—
660
—
pF
Turn-on Delay Time
td(on)
—
36
—
ns
VDD = -30 V
ID = -41.5 A
VGS = -10 V
RG = 0
Rise Time
tr
—
20
—
ns
Turn-off Delay Time
td(off)
—
230
—
ns
Fall Time
tf
—
200
—
ns
Total Gate Charge
Qg
—
190
—
nC
VDD = -48 V
VGS = -10 V
ID = -83A
Gate to Source Charge
Qgs
—
20
—
nC
Gate to Drain Charge
Qgd
—
53
—
nC
Body Diode Forward Voltage
VF(S-D) Notes4
—
0.94
1.5
V
IF = -83 A, VGS = 0 V
Reverse Recovery Time
trr
—
63
—
ns
IF = -83 A, VGS = 0 V
di/dt = -100 A/
s
Reverse Recovery Charge
Qrr
—
101
—
nC
Notes 3. Designed target value on Renesas measurement condition. Not subject to production test.
4. Pulse test.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com