Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-0095 Datasheet(PDF) 13 Page - FCI connector

Part # HT-0095
Description  Mini PV Receptacles 22-32 AWG Crimping Hand Tool
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

HT-0095 Datasheet(HTML) 13 Page - FCI connector

Back Button HT-0095 Datasheet HTML 9Page - FCI connector HT-0095 Datasheet HTML 10Page - FCI connector HT-0095 Datasheet HTML 11Page - FCI connector HT-0095 Datasheet HTML 12Page - FCI connector HT-0095 Datasheet HTML 13Page - FCI connector HT-0095 Datasheet HTML 14Page - FCI connector HT-0095 Datasheet HTML 15Page - FCI connector HT-0095 Datasheet HTML 16Page - FCI connector HT-0095 Datasheet HTML 17Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ELECTRONICS
FCI Electronics
Manual Part No. 415988-001
Issued: Date (03/12/99)
Page 13 of 18
Rev. 05/07/01 ECR V10337
Revision B
K\DCU\Manuals
5. Remover the crimpers (2 and 3) and tonkers (18) from the crimper holder.
6. Remove the damaged crimper(s) (2 or-3). The top crimper is the wire barrel crimper (3).
Wire and Insulation Barrel Crimpers and Tonker Installation
NOTE: When replacing tooling, always be sure that the part number on the part(s) being replaced
is the same as the number of the part that was removed.
1. Place the insulation crimper (2) onto the flat side of the crimper holder (1). Place the wire barrel
crimper (3) on the insulation crimper (2) and install two 4-40 cap screws (9) and loosely tighten.
2. Insert tonkers (18), with the top tabs facing outward, into the slots between the wire and
insulation crimpers.
3. Place and hold the crimper assembly into the hand tool on the same side as the anvil holder
(4). Make sure that the tonkers (18) go into the holes in the top of the hand tool frame.
4. Place spring guides (20) into the holes in the top of the hand tool frame, then insert the springs
(19) into the holes so that the springs slip over the shoulder of the spring guides.
5. Place spring retainer (21) over tonker springs (19). Make sure springs are fully compressed,
then loosely attach the spring retainer (21) and the crimper holder (1) to the hand tool with a
6-40 cap screw (13).
6. To align the tooling, close hand tool completely and hold it in its closed position. Tighten the
two 4-40 cap screws (9) to secure the crimpers to their holder. Then tighten the 6-40 cap screw
(13), which secures the crimper holder to the hand tool frame.
7. Crimp a terminal to a proper-sized wire, and inspect the terminal as described in Section 11,
paragraph B.
Holding Pin Removal (See Figure 15)
NOTE: When holding pins (14) become bent, it is necessary to replace them.
NOTE: When removing the holding pin, the terminal holder (10) and guide pins (15) must also be
removed. Prior to removal, note the position of the guide pins (15) in the anvil holder, so
that they can be repositioned as they were before removal: the flat on the guide pin must
face the setscrew (12) in the anvil holder (4).
1. Loosen the two 2-56 setscrews (12) in the anvil holder (4). Then remove the terminal holder
assembly, which includes the terminal holder (10), guide pins (15), "0" rings (16), holding
spring’s (17), and holding pins (14) attached.
PDM: Rev:B
Released
STATUS:
Printed: Dec 19, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com