Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB4-OR-4XP-4X Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # SB4-OR-4XP-4X
Description  Safety control unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SB4-OR-4XP-4X Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  SB4-OR-4XP-4X Datasheet HTML 1Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 2Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 3Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 4Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 5Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 6Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Connection
Slot 1
Slot 2
Slot 3
Terminal
Function
1
Reset input; normally closed contact
2
Restart input (RI); normally closed contact
3
24 V DC connection for reset, restart and RM
4
Relay monitor (RM)
5 - 6
OSSD1; potential free relay contact;
normally open contact
7 - 8
OSSD2; potential free relay contact;
normally open contact
9
Signal output OSSD OFF
10
Signal output OSSD ON
11
Signal output restart
12
Leave free (n.c.)
13
+24 V DC supply voltage
14
0 V DC supply voltage
15
Earth
16
Leave free (n.c.)
Terminal Slot 1
Terminal Function
Channel
Connection
Connection 2-channel
Connection
Beam sensor / Light grid
classification safety feature
p ON
Switching pad
1
Receiver 2 Input
Input
Receiver output 2
OSSD Output 1.2
Switching pad 1.4
2
Sensor 2 24 V DC +U
Channel 2 24 V Receiver2
24 V Power supply 1
3
Sensor 2 Mass GND
0 V Receiver 2, Emitter 2
0 V Power supply 1
4
Emitter 2 Output
Output
Emitter input 2
Switching pad 1.3
5
Receiver 1 Input
Input
Receiver output 1
OSSD Output 1.1
Switching pad 1.2
6
Sensor 1 24 V DC +U
Channel 1 24 V Receiver 1
7
Sensor 1 Mass GND
0 V Receiver 1, Emitter 1
8
Emitter 1 Output
Output
Emitter input 1
Switching pad 1.1
9
Emitter 3 Output
Output
Emitter input 3
Switching pad 2.4
10
Sensor 3 Mass GND
Channel 3 0 V Receiver 3, Emitter 3
0 V Power supply 2
11
Sensor 3 24 V DC +U
24 V Receiver 3
24 V Power supply 2
12
Receiver 3 Input
Input
Receiver output 3
OSSD Output 2.2
Switching pad 2.3
13
Emitter 4 Output
Output
Emitter input 2
Switching pad 2.2
14
Sensor 4 Mass GND
Channel 4 0 V Receiver 4, Emitter 4
15
Sensor 4 24 V DC +U
24 V Receiver 4
16
Receiver 4 Input
Input
Receiver output 4
OSSD Output 2.1
Switching pad 2.1
Terminal Slot 2
Terminal Slot 3
Terminal Function
Channel
Connection
Connection 2-channel
Connection
Beam sensor / Light grid
classification safety feature
p ON
Switching pad
1
Receiver 2 Input
Input
Receiver output 2
OSSD Output 1.2
Switching pad 1.4
2
Sensor 2 24 V DC +U
Channel 2 24 V Receiver2
24 V Power supply 1
3
Sensor 2 Mass GND
0 V Receiver 2, Emitter 2
0 V Power supply 1
4
Emitter 2 Output
Output
Emitter input 2
Switching pad 1.3
5
Receiver 1 Input
Input
Receiver output 1
OSSD Output 1.1
Switching pad 1.2
6
Sensor 1 24 V DC +U
Channel 1 24 V Receiver 1
7
Sensor 1 Mass GND
0 V Receiver 1, Emitter 1
8
Emitter 1 Output
Output
Emitter input 1
Switching pad 1.1
9
Emitter 3 Output
Output
Emitter input 3
Switching pad 2.4
10
Sensor 3 Mass GND
Channel 3 0 V Receiver 3, Emitter 3
0 V Power supply 2
11
Sensor 3 24 V DC +U
24 V Receiver 3
24 V Power supply 2
12
Receiver 3 Input
Input
Receiver output 3
OSSD Output 2.2
Switching pad 2.3
13
Emitter 4 Output
Output
Emitter input 2
Switching pad 2.2
14
Sensor 4 Mass GND
Channel 4 0 V Receiver 4, Emitter 4
15
Sensor 4 24 V DC +U
24 V Receiver 4
16
Receiver 4 Input
Input
Receiver output 4
OSSD Output 2.1
Switching pad 2.1
OSSD
RI
R4
R3
R2
R1
1314 15 16
9 10 11 12
1314 15 16
9 10 11 12
1314 15 16
9 10 11 12
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
R4
R3
R2
R1
Matching System Components
SLP8-2
Safety light grid
SLP8-2-A-L
Safety light grid, active column
SLP8-2-L
Safety light grid
Safety control unit
SB4-OR-4XP-4X
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com