Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB4-OR-4XP-B Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # SB4-OR-4XP-B
Description  Safety control unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SB4-OR-4XP-B Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  SB4-OR-4XP-B Datasheet HTML 1Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 2Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 3Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 4Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 5Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 6Page - Pepperl+Fuchs Inc. SB4-OR-4XP-B Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Connection
Terminal Function
1
Reset input; NC contact
2
Restart input (RI); NC contact
3
24 V DC connection for reset, restart and RM
4
Relay monitor (RM)
5 - 6
OSSD1; floating relay contact; NO contact
7 - 8
OSSD2; floating relay contact; NO contact
9
Signal output OSSD OFF
10
Signal output OSSD ON
11
Signal output Restart
12
Reserved (n.c.)
13
+24 V DC supply voltage
14
0 V DC supply voltage
15
Functional ground
16
Reserved (n.c.)
Terminal position 1
Position 1 Position 2
Terminal Function
Channel
Connection
2-channel connection
Connection
Photoelectric sensor/light grid
Assignment
Safety device
P-switching
Switching mat
1
Receiver 2 input
Input
Receiver output 2
OSSD output 1.2
Switching mat 1.4
2
Sensor 2 24 V DC +U
24 V receiver 2
24 V supply 1
Channel 2
3
Sensor 2 ground GND
0 V receiver 2, transmitter 2
0 V supply 1
4
Transmitter 2 output
Output
Transmitter input 2
Switching mat 1.3
5
Receiver 1 input
Input
Receiver output 1
OSSD output 1.1
Switching mat 1.2
6
Sensor 1 24 V DC +U
24 V receiver 1
Channel 1
7
Sensor 1 ground GND
0 V receiver 1, transmitter 1
8
Transmitter 1 output
Output
Transmitter input 1
Switching mat 1.1
9
Transmitter 3 output
Output
Transmitter input 3
Switching mat 2.4
10
Sensor 3 ground GND
0 V receiver 3, transmitter 3
0 V supply voltage 2
Channel 3
11
Sensor 3 24 V DC +U
24 V receiver 3
24 V supply voltage 2
12
Receiver 3 Input
Input
Receiver output 3
OSSD output 2.2
Switching mat 2.3
13
Transmitter 4 output
Output
Transmitter input 2
Switching mat 2.2
14
Sensor 4 ground GND
0 V receiver 4, transmitter 4
Channel 4
15
Sensor 4 24 V DC +U
24 V receiver 4
16
Receiver 4 input
Input
Receiver output 4
OSSD output 2.1
Switching mat 2.1
Terminal position 2
The information applies only to the basic device.
If additional SB4 modules are used, the operating instructions
that accompany the device must be observed during planning,
installation and operation.
OSSD
RI
R4
R3
R2
R1
13 14
15 16
9
10
11 12
13 14
15 16
9
10
11 12
1 2 3 4
5 6 7 8
1 2 3 4
5 6 7 8
Matching System Components
SLP8-2
Safety light grid
SLP8-2-A-L
Safety light grid, active column
SLP8-2-L
Safety light grid
SLP8-2-M
Deviation mirror
SLP10-2
Safety light grid
SLP10-2-L
Safety light grid
SLP10-3
Safety light grid
SLP10-3-L
Safety light grid
SLP10-4
Safety light grid
Safety control unit
SB4-OR-4XP-B
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com