Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLCT30 Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # SLCT30
Description  Safety light curtain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SLCT30 Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  SLCT30 Datasheet HTML 1Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 2Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 3Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 4Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 5Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 6Page - Pepperl+Fuchs Inc. SLCT30 Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Technical Features
Protection field height [mm]
Total length of transmitter/receiver unit
[mm]
Weight of transmitter/receiver unit [g]
1700
1825
1050
1800
1925
1100
1900
2025
1160
2000
2125
1210
2100
2225
1270
2200
2325
1320
2300
2425
1380
2400
2525
1440
Type Code
S
L
C
(1)
(2)
(2)
–
(3)
(3)
(3)
(3)
–
(4)
/
(5)
(5)
SLC
Device
SLC
Safety light curtain
(1)
Safety light curtain type
S
Self-monitoring, type 4
T
Testing, type 2
(2)
Resolution
14
14 mm
30
30 mm
60
60 mm
90
90 mm
(3)
Protection field height
100
100 mm
200
110 mm
300
300 mm
...
...
2400
2400 mm
(4)
Principle
T
Transmitter
R
Receiver
(5)
Option
35
Extended detection range
Accessories
TR 14/30/50/60
Test rod for safety light curtain SLCT
AA SLCT-01
Profile alignment aid; simplified alignment of the SLCS and SLCT safety light curtains
OMH-SLCT-100-1200
Mounting base for floor mounting and cover plate
OMH-SLCT-100-1500
Mounting base for floor mounting and cover plate
OMH-SLCT-100-2100
Mounting base for floor mounting and cover plate
OMH-SLCT-100-2500
Mounting base for floor mounting and cover plate
OMH-SLCT-110-1200
Mounting base for floor mounting with rear panel and cover plate
Safety light curtain
SLCT30
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com