Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D24V0S1UG3LP20 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D24V0S1UG3LP20
Description  1 CHANNEL HIGH SURGE TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D24V0S1UG3LP20 Datasheet(HTML) 2 Page - Diodes Incorporated

  D24V0S1UG3LP20 Datasheet HTML 1Page - Diodes Incorporated D24V0S1UG3LP20 Datasheet HTML 2Page - Diodes Incorporated D24V0S1UG3LP20 Datasheet HTML 3Page - Diodes Incorporated D24V0S1UG3LP20 Datasheet HTML 4Page - Diodes Incorporated D24V0S1UG3LP20 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D24V0S1UG3LP20
Document number: DS43437 Rev. 1 - 2
2 of 5
www.diodes.com
September 2021
© Diodes Incorporated
D24V0S1UG3LP20
Maximum Ratings (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
5680
W
8/20µs (Note 6)
Peak Pulse Current
IPP
200
A
8/20µs, per Figure 3
ESD Protection – Contact Discharge
VESD_CONTACT
±30
kV
Standard IEC 61000-4-2
ESD Protection – Air Discharge
VESD_AIR
±30
kV
Standard IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
500
mW
Thermal Resistance, Junction to Ambient TA = +25°C
RθJA
250
°
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°
C
Electrical Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
—
—
24
V
—
Reverse Current
IR
—
—
0.5
µA
VR = VRWM
Reverse Breakdown Voltage
VBR
25.0
—
28.5
V
IR = 1mA
Reverse Clamping Voltage (Note 6)
VCL
—
25.1
27
V
IPP = 100A, tP = 8/20μs
—
27.1
30
IPP = 160A, tP = 8/20μs
—
28.4
32
IPP = 200A, tP = 8/20μs
ESD Clamping Voltage (Note 7)
VC
—
28.0
30.0
V
IPP = 1A, tP = 100ns
—
30.1
33.0
IPP = 30A, tP = 100ns
—
27.5
31.0
IPP = 80A, tP = 100ns
Capacitance
CT
—
630
—
pF
VR = 0V, f = 1MHz
—
170
—
VR = 24V, f = 1MHz
Notes:
5. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes Incorporated’s suggested pad layout, which can be found on our website at
http://www.diodes.com/package-outlines.html.
6. Clamping voltage value is based on an 8x20μs peak pulse current (IPP) waveform, Measured from Pin1 and Pin2 to Pin3.
7. Transmission Line Pulse Test (TLP) settings: tP=100ns, tR=1ns, ITLP and VTLP averaging window is from 70ns to 90ns.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com