Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBLC05CI Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DBLC05CI
Description  ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DBLC05CI Datasheet(HTML) 2 Page - Diodes Incorporated

  DBLC05CI Datasheet HTML 1Page - Diodes Incorporated DBLC05CI Datasheet HTML 2Page - Diodes Incorporated DBLC05CI Datasheet HTML 3Page - Diodes Incorporated DBLC05CI Datasheet HTML 4Page - Diodes Incorporated DBLC05CI Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DBLC05CI
Document number: DS43653 Rev. 1 - 2
2 of 5
www.diodes.com
January 2022
© Diodes Incorporated
DBLC05CI
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Power Dissipation
PPP
350
W
8/20
μs, Per Figure 3
Peak Pulse Current
IPP
17
A
8/20
μs, Per Figure 3
ESD Protection
– Contact Discharge
VESD_Contact
±27
kV
Standard IEC 61000-4-2
ESD Protection
– Air Discharge
VESD_Air
±30
kV
Standard IEC 61000-4-2
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 5)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 5)
RƟJA
500
C/W
Operating Temperature Range
TJ
-55 to +125
C
Storage Temperature Range
TSTG
-55 to +150
C
Soldering Temperature, t max =10s
TL
260
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Working Voltage
VRWM
5
V
Reverse Current (Note 5)
IR
4.5
uA
VR = VRWM = 5V
Reverse Breakdown Voltage
VBR
6
V
IR = 1mA
Reverse Clamping Voltage
VCL
9.8
V
IPP = 1A, tp = 8/20μs
20.6
IPP = 17A, tp = 8/20μs
Capacitance
CT
0.6
0.7
pF
VR = 0V, f = 1MHz
Notes:
5. Device mounted on FR-
4 PCB pad layout (2oz copper) as shown in Diodes Incorporated’s package outline PDFs, which can be found on our website at
http://www.diodes.com/package-outlines.html.
6. Short duration pulse test used to minimize self-heating effect.
10
100
1000
10000
1
10
100
1000
Figure 1, ESD pulse waveform according to IEC 61000-4-2
Figure 2, power dissipation versus pulse time
Pulse Times,(us)
Tj = 25°C, tp = 8/20us
exponentially decay waveform



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com