Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBLC05CI-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DBLC05CI-7
Description  ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DBLC05CI-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DBLC05CI-7 Datasheet HTML 1Page - Diodes Incorporated DBLC05CI-7 Datasheet HTML 2Page - Diodes Incorporated DBLC05CI-7 Datasheet HTML 3Page - Diodes Incorporated DBLC05CI-7 Datasheet HTML 4Page - Diodes Incorporated DBLC05CI-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DBLC05CI
Document number: DS43653 Rev. 1 - 2
3 of 5
www.diodes.com
January 2022
© Diodes Incorporated
DBLC05CI
0
0.5
1
1.5
2
0
1
2
3
4
5
Reverse Voltage,(V)
0.1
1
10
0
25
50
75
100
125
Junction Temperature,(°C)
Figure 5, typical junction capacitance
Figure 6, reverse leakage current versus Tj
Figure 3, typical 8 x 20µs pulse waveform
Tj = 25°C, F = 1MHz, Level = 100mV
Figure 4, peak pulse power versus Tj
Figure 8 TLP Curve (tp=100ns)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com