Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0076083A7 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0076083A7
Description  Kool Mµ® Hƒ Powder Cores
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0076083A7 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0076083A7 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0076083A7
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
Electrical Characteristics
Physical Characteristics
Watt Loss @
100kHz, 100mT
DC Bias
min (Oersteds)
Voltage Breakdown
wire-to-wire min
(VAC)
Break
Strength
(min, kg)
Window
Area, WA
(mm
2)
Cross
Section, Ae
(mm
2)
Path
Length, Le
(mm)
Volume Ve
(mm
3)
Weight (g)
(max, mW/cm
3)
80%
50%
450
45
100
3000
126
427
107
98.4
10600
67.9
Winding Information
Temperature Rating
Winding Length per Turn
Wound Coil Dimensions (mm)
Curie Temp (°C):
500 °C
Winding
Factor
(mm)
Winding
Factor
(mm)
40% Winding Factor
OD
44.3
Coating Temp:
(Continuous, up to; °C)
200 °C
HT
22.4
0%
48.2
40%
60.2
Completely Full
Window
Max OD
56.4
Notes:
20%
54.3
45%
62.1
Max HT
35.2
25%
55.8
50%
63.7
Surface Area (mm
2)
30%
57.0
60%
67.3
Unwound Core:
4800
35%
58.8
70%
71.5
40% Wound:
7300
Kool Mµ Hƒ
Permeability (µ)
AL (nH/T
2)
Core Marking
Coating
Color
Lot
Number
Part
Number
Inductance
Grade
60
81 ± 8%
XXXXXX
76083A7
N/A
Black
Dimensions
Packaging
Uncoated
Coated Limits
Cardboard cut-outs
Box Qty = 180 Pcs
(mm)
(in)
(mm)
(in)
OD (A)
39.88
1.570
40.77
1.605
max
ID (B)
24.13
0.950
23.32
0.918
min
HT (C)
14.48
0.570
15.37
0.605
max
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0
200
400
600
800
1000
1200
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0076083A7

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0076051A7 MAGNETICS-0076051A7 Datasheet
661Kb / 1P
FERRITE CORE TOROID 27NH KOOL MU
7/15/21
0076052A7 MAGNETICS-0076052A7 Datasheet
666Kb / 1P
FERRITE CORE TOROID 12NH KOOL MU
0076071A7 MAGNETICS-0076071A7 Datasheet
203Kb / 1P
FERRITE CORE TOROID 61NH KOOL MU
5/11/2023
0076076A7 MAGNETICS-0076076A7 Datasheet
627Kb / 1P
FERRITE CORE TOROID 56NH KOOL MU
10/8/2021
More results

Similar Description - 0076083A7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT4545 VISHAY-LPT4545 Datasheet
247Kb / 2P
Inductors/Transformers, Customizable, Surface Mount Torodial, Kool-Mu, Powdered Iron and MPP Cores
28-Aug-02
LPT-4545 VISHAY-LPT-4545 Datasheet
94Kb / 3P
Inductors/Transformers, Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
10-Oct-08
LPT-3535 VISHAY-LPT-3535 Datasheet
95Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
10-Oct-08
logo
YUXIANG Magnetc materia...
YU61-26CORE YUXIANG-YU61-26CORE Datasheet
55Kb / 1P
U TYPE IRON POWDER CORES
logo
Ferroxcube Internationa...
F07_2011 FERROXCUBE-F07_2011 Datasheet
354Kb / 4P
Powder cores manufacturing location and 12NC change
logo
Vishay Siliconix
LPT-3535 VISHAY-LPT-3535_17 Datasheet
91Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
22-Aug-17
logo
List of Unclassifed Man...
CS270075 ETC-CS270075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
logo
Vishay Siliconix
LPT-3535 VISHAY-LPT-3535_V01 Datasheet
74Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
22-Aug-17
LPT-4545 VISHAY-LPT-4545_V01 Datasheet
74Kb / 3P
Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
22-Aug-17
logo
Magnetics, a division o...
0076894A7HT15 MAGNETICS-0076894A7HT15 Datasheet
629Kb / 1P
Kool Mµ® Hƒ Powder Cores
2/24/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com