Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0076312A7 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0076312A7
Description  FERRITE CORE TOROID 19NH KOOL MU
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0076312A7 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0076312A7 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision 10/6/2021
Electrical Characteristics
Physical Characteristics
Watt Loss
@ 100 kHz, 100mT
max (mW/cm3)
DC Bias
typical (oersteds)
Voltage
Breakdown
wire to wire
min (VAC)
Break
Strength
min (kg)
Window
Area
WA(mm2)
Cross
Section
Ae (mm2)
Path
Length
Le (mm)
Volume
Ve (mm3)
Weight
(g)
550
80%
50%
>2500
39.0
139
31.7
56.7
1,800
9.57
130
245
Winding Information
Temperature Rating
Winding Length Per Turn
Wound Coil Dimensions (mm)
Curie Temp: 500
˚C
Winding
Factor
(mm)
Winding
Factor
(mm)
40% Winding Factor
OD
25.7
Coating Temp (Continuous up to):
200
˚C
HT
12.4
Completely Full Window
Max OD
32.6
Notes:
0%
27.0
40%
33.9
Max HT
19.8
20%
30.5
45%
34.9
Surface Area (mm²)
25%
31.3
50%
35.9
30%
32.0
60%
38.0
Unwound Core
1,600
35%
33.1
70%
40.4
40% Winding Factor
2,400
High Flux
Permeability
(µ)
AL
(nH/T2)
Core Marking
Coating
Color
Lot
Number
Part
Number
Inductance
Grade
26
19 ± 8%
XXXXXX
58312A2
N/A
Black
Dimensions
Uncoated
Coated Limits
Packaging
(mm)
(in)
(mm)
(in)
Bulk Pack
4 bags/box
Box Qty= 1000 pcs
OD (A)
22.86
0.900
23.62
0.930
max
ID (B)
13.97
0.550
13.34
0.525
min
HT (C)
7.62
0.300
8.38
0.330
max
0076312A7
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
0
200
400
600
800
1000
1200
1400
1600
1800
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0076312A7

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0076351A7 MAGNETICS-0076351A7 Datasheet
230Kb / 1P
FERRITE CORE TOROID 51NH KOOL MU
12/17/2021
0076381A7 MAGNETICS-0076381A7 Datasheet
682Kb / 1P
FERRITE CORE TOROID 43NH KOOL MU
More results

Similar Description - 0076312A7

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0076051A7 MAGNETICS-0076051A7 Datasheet
661Kb / 1P
FERRITE CORE TOROID 27NH KOOL MU
7/15/21
0076052A7 MAGNETICS-0076052A7 Datasheet
666Kb / 1P
FERRITE CORE TOROID 12NH KOOL MU
0076071A7 MAGNETICS-0076071A7 Datasheet
203Kb / 1P
FERRITE CORE TOROID 61NH KOOL MU
5/11/2023
0076076A7 MAGNETICS-0076076A7 Datasheet
627Kb / 1P
FERRITE CORE TOROID 56NH KOOL MU
10/8/2021
0076121A7 MAGNETICS-0076121A7 Datasheet
684Kb / 1P
FERRITE CORE TOROID 35NH KOOL MU
7/15/21
0076208A7 MAGNETICS-0076208A7 Datasheet
684Kb / 1P
FERRITE CORE TOROID 14NH KOOL MU
7/16/21
0076256A7 MAGNETICS-0076256A7 Datasheet
202Kb / 1P
FERRITE CORE TOROID 35NH KOOL MU
3/1/2023
0076351A7 MAGNETICS-0076351A7 Datasheet
230Kb / 1P
FERRITE CORE TOROID 51NH KOOL MU
12/17/2021
0076381A7 MAGNETICS-0076381A7 Datasheet
682Kb / 1P
FERRITE CORE TOROID 43NH KOOL MU
0076848A7 MAGNETICS-0076848A7 Datasheet
670Kb / 1P
FERRITE CORE TOROID 32NH KOOL MU
7/16/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com