Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0076894A7 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0076894A7
Description  FERRITE CORE TOROID 75NH XFLUX
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0076894A7 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0076894A7 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Kool Mµ Hƒ
Permeability
(µ)
60
(mm)
OD (A)
26.92
ID (B)
14.73
HT (C)
11.18
80%
50%
45
100
Curie Temp:
500°C
0%
37.5
40%
44.8
Max HT
20%
41.1
45%
45.6
25%
42.1
50%
46.8
30%
42.8
60%
49.0
35%
43.8
70%
51.4
Revision
0076894A7
Notes:
Max OD
16.7
30.9
21.5
HT
Temperature Rating
Coating Temp (Continuous up to):
200°C
Unwound Core
40% Winding Factor
2,500
3,500
Completely Full Window
Surface Area (mm
2)
4,150
Est.
Weight
(g)
1.090
(in)
0.555
0.470
65.4
Cross
Section
Ae (mm
2)
63.5
max
25.9
Path
Length
Le (mm)
30.9
OD
Electrical Characeristics
450
DC Bias min
(oersteds)
Watt Loss
@ 100kHz, 100mT
40% Winding Factor
Winding
Factor
(mm)
Winding
Factor
(mm)
max (mW/cm
3)
Winding Length Per Turn
Wound Coil Dimensions (mm)
Winding Information
Window
Area
Wa(mm
2)
Voltage
Breakdown
wire to wire
min (VAC)
Break
Strength
min (kg)
156
77.0
3000
Coating
Color
Part
Number
min
max
Dimensions
Black
Cardboard cut-outs
Box Qty= 400 pcs
75 ± 8%
76894A7
(mm)
AL
(nH/T
2)
(in)
1.060
0.580
0.440
1/25/2022
Core Marking
Uncoated
27.69
14.10
11.94
Packaging
Inductance
Grade
N/A
Volume Ve
(mm
3)
Coated Limits
Lot
Number
XXXXXX
Physical Characteristics
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
0
10
20
30
40
50
60
70
0
100
200
300
400
500
600
700
800
A·T
Typical DC Bias Performance
80%
50%


Similar Part No. - 0076894A7

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0076894A7HT15 MAGNETICS-0076894A7HT15 Datasheet
629Kb / 1P
Kool Mµ® Hƒ Powder Cores
2/24/2022
More results

Similar Description - 0076894A7

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059050A2 MAGNETICS-0059050A2 Datasheet
691Kb / 1P
FERRITE CORE TOROID 56NH EDGE
10/5/2021
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059351A2 MAGNETICS-0059351A2 Datasheet
627Kb / 1P
FERRITE CORE TOROID 51NH EDGE
12/17/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
0059894A2 MAGNETICS-0059894A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 75NH EDGE
1/25/2022
CMC025016010H MAGNETICS-CMC025016010H Datasheet
143Kb / 1P
FERRITE CORE TOROID 65.5UH NANOC
1/14/2021
CMC030020010H MAGNETICS-CMC030020010H Datasheet
145Kb / 1P
FERRITE CORE TOROID 59.3UH NANOC
1/14/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com